Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CLC409 Datasheet(PDF) 2 Page - Texas Instruments

Part # CLC409
Description  Very Wideband, Low Distortion Monolithic Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CLC409 Datasheet(HTML) 2 Page - Texas Instruments

  CLC409 Datasheet HTML 1Page - Texas Instruments CLC409 Datasheet HTML 2Page - Texas Instruments CLC409 Datasheet HTML 3Page - Texas Instruments CLC409 Datasheet HTML 4Page - Texas Instruments CLC409 Datasheet HTML 5Page - Texas Instruments CLC409 Datasheet HTML 6Page - Texas Instruments CLC409 Datasheet HTML 7Page - Texas Instruments CLC409 Datasheet HTML 8Page - Texas Instruments CLC409 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
OBSOLETE
CLC409
SNOS853E – AUGUST 2000 – REVISED APRIL 2013
www.ti.com
CONNECTION DIAGRAM
Figure 2. PDIP & SOIC Pinout
Figure 3. SOT-23 Pinout
See Package Numbers P and D
See Package Number DBV
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ABSOLUTE MAXIMUM RATINGS
(1) (2)
Supply Voltage (VCC)
±7V
IOUT
Output is short circuit protected to ground, but maximum reliability
will be maintained if IOUT does not exceed...
60mA
Common Mode Input Voltage
±VCC
Differential Input Voltage
10V
Junction Temperature
+150°C
Operating Temperature Range
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
Lead Solder Duration (+300°C)
10 sec
ESD rating (human body model)
1000V
(1)
“Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be ensured. They are not meant to imply
that the devices should be operated at these limits. The ELECTRICAL CHARACTERISTICS specifies conditions of device operation.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
OPERATING RATINGS
Thermal Resistance
Package
(
θJC)
(
θJA)
PDIP
95°C/W
115°C/W
SOIC
75°C/W
160°C/W
SOT-23
115°C/W
185°C/W
2
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: CLC409



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com