Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ELG1-0150P533 Datasheet(PDF) 6 Page - SICK AG

Part # ELG1-0150P533
Description  SWITCHING AUTOMATION LIGHT GRIDS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

ELG1-0150P533 Datasheet(HTML) 6 Page - SICK AG

  ELG1-0150P533 Datasheet HTML 1Page - SICK AG ELG1-0150P533 Datasheet HTML 2Page - SICK AG ELG1-0150P533 Datasheet HTML 3Page - SICK AG ELG1-0150P533 Datasheet HTML 4Page - SICK AG ELG1-0150P533 Datasheet HTML 5Page - SICK AG ELG1-0150P533 Datasheet HTML 6Page - SICK AG ELG1-0150P533 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
ELG1-0150P533 | ELG
SWITCHING AUTOMATION LIGHT GRIDS
6
AUTOMATION LIGHT GRIDS | SICK
Online data sheet | 2016-03-09 17:40:10
Subject to change without notice
Concept of operation
Remove cap with screw driver.
1. Remove cap
2. Potentiometer
adjustment
Sensitivity adjustment
t
Signal
strength
Switching threshold
Turn left = for a lower range.
Turn right = for a higher range.
The light grid communicates via
the light beams. A cable is not
necessary for the optical
synchronisation.
Optical synchronisation
Sensitivity adjustment
Recommended accessories
Other models and accessories
www.sick.de/ELG
Brief description
Type
Part no.
Terminal and alignment brackets
4 pieces, Mounting kit 1, rotatable, swivel mount, plastic
BEF-2SMKEAKU4
2019649
Plug connectors and cables
Head A: female connector, M12, 4-pin, straight
Head B: cable
Cable: PVC, unshielded, 5 m
DOL-1204-G05M
6009866



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com