Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PX-501 Datasheet(PDF) 2 Page - Vectron International, Inc

Part # PX-501
Description  Clock Oscillator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

PX-501 Datasheet(HTML) 2 Page - Vectron International, Inc

  PX-501 Datasheet HTML 1Page - Vectron International, Inc PX-501 Datasheet HTML 2Page - Vectron International, Inc PX-501 Datasheet HTML 3Page - Vectron International, Inc PX-501 Datasheet HTML 4Page - Vectron International, Inc PX-501 Datasheet HTML 5Page - Vectron International, Inc PX-501 Datasheet HTML 6Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Parameter
Min
Typ
Max
Units
Operating temp range
vs. operating temperature range
-40 … +85°C
Parameter
Min
Max
Units
Condition
overall tolerance
-20.0
+20.0
ppm
( 15 Years aging, temp, initial, supply,
load )
Parameter
Min
Typ
Max
Units
Condition
Supply voltage (Vs)
4.75
5.0
5.25
VDC
Current consumption
40
mA
@ HCMOS < 155 MHz
Current consumption
90
mA
@ PECL < 155 MHz
Supply voltage (Vs)
3.135
3.3
3.465
VDC
Current consumption
30
mA
@ LVHCMOS< 155 MHz
Current consumption
80
mA
@ LVPECL< 155 MHz
Current consumption
25
mA
@ LVDS< 155 MHz
RF Output
Supply Voltage (Vs)
htttp://www.vectron.com
Vectron International•267 LowellRoad, Hudson, New Hampshire 03051•Tel:+1-88-VECTRON-1
Vectron International GmbH & Co. KG • Landstraße, 74924 Neckarbischofsheim, Germany • Tel: +49 7268 801 100
Frequency stabilities1 [meets SONET Minimum Clock Specification-Option]
Additional Parameters
Parameter
Min
Typ
Max
Units
Condition
Signal
HCMOS
Load
15.0
pF
Rise and Fall Time
5
ns
@15 pF 10 to 90%
Duty cycle
40
60
%
@Vs/2
Signal
PECL
Load
50
Ω
Vs-2V
Rise and Fall Time
1
ns
20-80%
Duty cycle
45
55
%
Signal
LVDS
Load
100
Ω
Rise and Fall time
1
ns
10 to 90 %
Duty cycle
40
60
%
Signal
Sinewave
Load
50
Ω
Output Power
-3
0
3
dBm
Parameter
Min
Typ
Max
Units
Condition
Phase Noise
-85
dBc/Hz
10
Hz
@49,408 MHz
-120
dBc/Hz
100
Hz
HCMOS
-145
dBc/Hz
1
kHz
3,3V
-155
dBc/Hz
10
kHz
-160
dBc/Hz
100
kHz
Jitter
0,2
ps RMS
@ 12 kHz to 20 MHz



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com