Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ACT4808N Datasheet(PDF) 2 Page - Aeroflex Circuit Technology

Part # ACT4808N
Description  Dual Transceivers for MACAIR (A3818, A4905, A5232, A5690) and MIL-STD-1553A/B
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT4808N Datasheet(HTML) 2 Page - Aeroflex Circuit Technology

  ACT4808N Datasheet HTML 1Page - Aeroflex Circuit Technology ACT4808N Datasheet HTML 2Page - Aeroflex Circuit Technology ACT4808N Datasheet HTML 3Page - Aeroflex Circuit Technology ACT4808N Datasheet HTML 4Page - Aeroflex Circuit Technology ACT4808N Datasheet HTML 5Page - Aeroflex Circuit Technology ACT4808N Datasheet HTML 6Page - Aeroflex Circuit Technology ACT4808N Datasheet HTML 7Page - Aeroflex Circuit Technology ACT4808N Datasheet HTML 8Page - Aeroflex Circuit Technology ACT4808N Datasheet HTML 9Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
SCD4808N Rev B
FIGURE 1 – TRANSMITTER LOGIC WAVEFORMS IDEALIZED
FIGURE 2 – RECEIVER LOGIC WAVEFORMS IDEALIZED
DATA IN
DATA IN
INHIBIT
LINE TO LINE
OUTPUT
NOTES:
2. DATA and DATA inputs must be complementary waveforms or 50% duty cycle average, with no delays between them.
3. DATA and DATA must be in the same state during off time (both high or low).
1. Line to line waveforms illustrate Macair signals, MIL-STD-1553 signals are trapezoidal.
Note overlap
NOTE: Waveforms shown are for normally low devices. For normally high receiver output
devices, the receiver outputs are swapped as shown by the dashed lines.
level
LINE TO LINE
INPUT
DATA OUT
DATA OUT
BLOCK DIAGRAM (WITHOUT TRANSFORMER)
OUTPUT
STAGE
COMP.
COMP.
INPUT
AMP
DRIVER
TX DATA IN
TX DATA IN
TX INHIBIT
+5 V
RX DATA IN
RX DATA IN
STROBE
TX DATA OUT
TX DATA OUT
RX DATA OUT
RX DATA OUT
VEE
VCC
V+
V-
TRANSMIT
FILTER
ACTIVE
RECEIVE
FILTER
ACTIVE



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com