Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CD4006BC Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CD4006BC
Description  18-Stage Static Shift Register
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CD4006BC Datasheet(HTML) 3 Page - National Semiconductor (TI)

  CD4006BC Datasheet HTML 1Page - National Semiconductor (TI) CD4006BC Datasheet HTML 2Page - National Semiconductor (TI) CD4006BC Datasheet HTML 3Page - National Semiconductor (TI) CD4006BC Datasheet HTML 4Page - National Semiconductor (TI) CD4006BC Datasheet HTML 5Page - National Semiconductor (TI) CD4006BC Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DC Electrical Characteristics CD4006BC (Note 2) (Continued)
Symbol
Parameter
Conditions
b
40 C
a
25 C
a
85 C
Units
Min
Max
Min
Typ
Max
Min
Max
VIL
Low Level
VDD e 50V VO e 05V or 45V
15
225
15
15
V
Input Voltage
VDD e 10V VO e 10V or 90V
30
45
30
30
V
VDD e 15V VO e 15V or 135V
40
675
40
40
V
VIH
High Level
VDD e 50V VO e 05V or 45V
35
35
275
35
V
Input Voltage
VDD e 10V VO e 10V or 90V
70
70
55
70
V
VDD e 15V VO e 15V or 135V
11
11
825
11
V
IOL
Low Level
VDD e 50V VO e 04V
052
044
088
036
mA
Output Current
VDD e 10V VO e 05V
13
11
225
09
mA
(Note 3)
VDD e 15V VO e 15V
36
30
88
24
mA
IOH
High Level
VIL e 0V VIH e VDD
Output Current
VDD e 50V VO e 46V
b
052
b
044
b
088
b
036
mA
(Note 3)
VDD e 10V VO e 95V
b
13
b
11
b
225
b
09
mA
VDD e 15V VO e 135V
b
36
b
30
b
88
b
24
mA
IIN
Input Current
VDD e 15V VIN e 0V
b
03
b
10b5
b
03
b
10
m
A
VDD e 15V VIN e 15V
03
10b5
03
10
m
A
AC Electrical Characteristics CD4006BMCD4006BC TA e 25 C CL e 50 pF unless otherwise noted
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tPLH tPHL
Propagation Delay Time (tPLH e tPHL)VDD e 50V
200
400
ns
VDD e 10V
100
200
ns
VDD e 15V
80
150
ns
tTLH tTHL
Transition Time (tTLH e tTHL)VDD e 50V
100
200
ns
VDD e 10V
50
100
ns
VDD e 15V
40
80
ns
tWL tWH
Minimum Clock Pulse Width (tWL e tWH)VDD e 50V
100
200
ns
VDD e 10V
45
100
ns
VDD e 15V
35
70
ns
tRCL tFCL
Clock Rise and Fall Time (tRCL e tFCL)VDD e 50V
15
m
s
VDD e 10V
15
m
s
VDD e 15V
15
m
s
tSU
Minimum Set-Up Time
VDD e 50V
50
100
ns
VDD e 10V
25
50
ns
VDD e 15V
20
40
ns
tH
Minimum Hold Time
VDD e 50V
55
110
ns
VDD e 10V
35
70
ns
VDD e 15V
30
60
ns
fCL
Maximum Clock Frequency
VDD e 50V
25
50
MHz
VDD e 10V
50
12
MHz
VDD e 15V
70
16
MHz
CL
Input Capacitance
Data Input
50
pF
CLK Input
75
pF
AC Parameters are guaranteed by DC correlated testing
Note 1
‘‘Absolute Maximum Ratings’’ are those values beyond which the safety of the device cannot be guaranteed they are not meant to imply that the devices
should be operated at these limits The tables of ‘‘Recommended Operating Conditions’’ and ‘‘Electrical Characteristics’’ provide conditions for actual device
operation
Note 2
VSS e 0V unless otherwise specified
Note 3
IOL and IOH are tested one output at a time
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com