Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CD4029 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CD4029
Description  Presettable Binary/Decade Up/Down Counter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CD4029 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  CD4029 Datasheet HTML 1Page - National Semiconductor (TI) CD4029 Datasheet HTML 2Page - National Semiconductor (TI) CD4029 Datasheet HTML 3Page - National Semiconductor (TI) CD4029 Datasheet HTML 4Page - National Semiconductor (TI) CD4029 Datasheet HTML 5Page - National Semiconductor (TI) CD4029 Datasheet HTML 6Page - National Semiconductor (TI) CD4029 Datasheet HTML 7Page - National Semiconductor (TI) CD4029 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AC Electrical Characteristics
TA e 25 C CL e 50 pF RL e 200 k Input trCL e tfCL e 20 ns unless otherwise specified (Continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
PRESET ENABLE OPERATION
tPHL or tPLH
Propagation Delay Time
VDD e 5V
285
570
ns
to Q output
VDD e 10V
115
230
ns
VDD e 15V
95
195
ns
tPHL or tPLH
Propagation Delay Time
VDD e 5V
400
800
ns
to Carry Output
VDD e 10V
165
330
ns
VDD e 15V
135
260
ns
tWH
Minimum Preset Enable
VDD e 5V
80
160
ns
Pulse Width
VDD e 10V
30
60
ns
VDD e 15V
25
50
ns
tREM
Minimum Preset Enable
VDD e 5V
150
300
ns
Removal Time
VDD e 10V
60
120
ns
VDD e 15V
50
100
ns
CARRY INPUT OPERATION
tPHL or tPLH
Propagation Delay Time
VDD e 5V
265
530
ns
to Carry Output
VDD e 10V
110
220
ns
VDD e 15V
90
180
ns
tPHL tPLH
Propagation Delay Time
CL e 15 pF
to Carry Output
VDD e 5V
200
400
ns
VDD e 10V
85
170
ns
VDD e 15V
70
140
ns
AC Parameters are guaranteed by DC correlated testing
Note 1
‘‘Absolute Maximum Ratings’’ are those values beyond which the safety of the device cannot be guaranteed Except for ‘‘Operating Temperature Range’’
they are not meant to imply that the devices should be operated at these limits The table of ‘‘Electrical Characteristics’’ provides conditions for actual device
operation
Note 2
VSS e 0V unless otherwise specified
Note 3
IOH and IOL are tested one output at a time
Note 4
CPD determines the no load AC power consumption of any CMOS device For complete explanation see 54C74C Family Characteristics application note
AN-90
Connection Diagram
Dual-In-Line Package
TLF5960 – 2
Top View
Order Number CD4029B
4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com