Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CD4047BC Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CD4047BC
Description  Low Power Monostable/Astable Multivibrator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CD4047BC Datasheet(HTML) 3 Page - National Semiconductor (TI)

  CD4047BC Datasheet HTML 1Page - National Semiconductor (TI) CD4047BC Datasheet HTML 2Page - National Semiconductor (TI) CD4047BC Datasheet HTML 3Page - National Semiconductor (TI) CD4047BC Datasheet HTML 4Page - National Semiconductor (TI) CD4047BC Datasheet HTML 5Page - National Semiconductor (TI) CD4047BC Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DC Electrical Characteristics CD4047BC (Note 2) (Continued)
Symbol
Parameter
Conditions
b
40 C25 C85 C
Units
Min
Max
Min
Typ
Max
Min
Max
VIL
Low Level Input Voltage
VDD e 5V VO e 05V or 45V
15
225
15
15
V
VDD e 10V VO e 1V or 9V
30
45
30
30
V
VDD e 15V VO e 15V or 135V
40
675
40
40
V
VIH
High Level Input Voltage
VDD e 5V VO e 05V or 45V
35
35
275
35
V
VDD e 10V VO e 1V or 9V
70
70
55
70
V
VDD e 15V VO e 15V or 135V
110
110
825
110
V
IOL
Low Level Output Current VDD e 5V VO e 04V
052
044
088
036
mA
(Note 3)
VDD e 10V VO e 05V
13
11
225
09
mA
VDD e 15V VO e 15V
36
30
88
24
mA
IOH
High Level Output Current VDD e 5V VO e 46V
b
052
b
044
b
088
b
036
mA
(Note 3)
VDD e 10V VO e 95V
b
13
b
11
b
225
b
09
mA
VDD e 15V VO e 135V
b
36
b
30
b
88
b
24
mA
IIN
Input Current
VDD e 15V VIN e 0V
b
03
b
10b5 b03
b
10
m
A
VDD e 15V VIN e 15V
03
10b5
03
10
m
A
Note 1
‘‘Absolute Maximum Ratings’’ are those values beyond which the safety of the device cannot be guaranteed They are not meant to imply that the devices
should be operated at these limits The table of ‘‘Recommended Operating Conditions’’ and ‘‘Electrical Characteristics’’ provides conditions for actual device
oepration
Note 2
VSS e 0V unless otherwise specified
Note 3
IOH and IOL are tested one output at a time
AC Electrical Characteristics CD4047B
TA e 25 C CL e 50 pF RL e 200k input tr e tf e 20 ns unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tPHL tPLH
Propagation Delay Time Astable
VDD e 5V
200
400
ns
Astable to Osc Out
VDD e 10V
100
200
ns
VDD e 15V
80
160
ns
tPHL tPLH
Astable Astable to Q Q
VDD e 5V
550
900
ns
VDD e 10V
250
500
ns
VDD e 15V
200
400
ns
tPHL tPLH
a
Trigger b Trigger to Q
VDD e 5V
700
1200
ns
VDD e 10V
300
600
ns
VDD e 15V
240
480
ns
tPHL tPLH
a
Trigger Retrigger to Q
VDD e 5V
300
600
ns
VDD e 10V
175
300
ns
VDD e 15V
150
250
ns
tPHL tPLH
Reset to Q Q
VDD e 5V
300
600
ns
VDD e 10V
125
250
ns
VDD e 15V
100
200
ns
tTHL tTLH
Transition Time Q Q Osc Out
VDD e 5V
100
200
ns
VDD e 10V
50
100
ns
VDD e 15V
40
80
ns
tWL tWH
Minimum Input Pulse Duration
Any Input
VDD e 5V
500
1000
ns
VDD e 10V
200
400
ns
VDD e 15V
160
320
ns
tRCL tFCL
a
Trigger Retrigger Rise and
VDD e 5V
15
m
s
Fall Time
VDD e 10V
5
m
s
VDD e 15V
5
m
s
CIN
Average Input Capacitance
Any Input
5
75
pF
AC Parameters are guaranteed by DC correlated testing
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com