Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LP5520 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LP5520
Description  RGB Backlight LED Driver
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5520 Datasheet(HTML) 1 Page - Texas Instruments

  LP5520 Datasheet HTML 1Page - Texas Instruments LP5520 Datasheet HTML 2Page - Texas Instruments LP5520 Datasheet HTML 3Page - Texas Instruments LP5520 Datasheet HTML 4Page - Texas Instruments LP5520 Datasheet HTML 5Page - Texas Instruments LP5520 Datasheet HTML 6Page - Texas Instruments LP5520 Datasheet HTML 7Page - Texas Instruments LP5520 Datasheet HTML 8Page - Texas Instruments LP5520 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
LP55XX
CALIBRATION
MEMORY
SPI/I2C
INTER-
FACE
BOOST
ADC
COLOR AND
BRIGHTNESS
PWM LOGIC
LED
DRIVERS
MCU
WITH
I2C
OR
SPI
COUT
CVDDA
CVDDD
100 nF
4.7 PF
CIN
2.9 ± 5.5V
5 ± 20V
FB
SW
100 nF
2 x
4.7 PF
4.7 PH
L1
ROUT
LP5520
VDDA
VDDD
S1_IN
S2_IN
PWMR
PWMG
PWMB
VLDO
NRST
SS/SDA
SCK/SCL
SI/A0
SO
IFSEL
CVDDIO
100 nF
VDDIO
CVLDO
1 PF
BRC
GND
LM 20
VLDO
GOUT
BOUT
D1
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LP5520
SNVS440B – MAY 2007 – REVISED MARCH 2016
LP5520 RGB Backlight LED Driver
1
1 Features
1
Temperature Compensated LED Intensity and
Color
Individual Calibration Coefficients for Each Color
Color Accuracy
ΔX and ΔY ≤ 0.003
12-Bit ADC for Measurement of 2 Sensors
Adjustable Current Outputs for Red, Green, and
Blue (RGB) LED
0.2% Typical LED Output Current Matching
PWM Control Inputs for Each Color
SPI™ and I2C-Compatible Interface
Stand-Alone Mode With One-Wire Control
Sequential Mode for One Color at a Time
Magnetic High Efficiency Boost Converter
Programmable Output Voltage from 5 V to 20 V
Adaptive Output Voltage Control Option
< 2-µA Typical Shutdown Current
2 Applications
Color LCD Display Backlighting
LED Lighting Applications
3 Description
The LP5520 is an RGB backlight LED driver for small
format color LCDs. RGB backlights enable better
colors on the display and power savings compared
with white LED backlights. The device offers a small
and simple driver solution without need for optical
feedback. Calibration in display module production
can be done in one temperature. The LP5520
produces true white light over a wide temperature
range. Three independent LED drivers have accurate
programmable current sinks and PWM modulation
control.
Using
internal
calibration
memory
and
external temperature sensor, the RGB LED currents
are adjusted for perfect white balance independent of
the brightness setting or temperature. The user
programmable calibration memory has intensity vs
temperature data for each color. This white balance
calibration data can be programmed to the memory
on the production line of a backlight module.
The device has a magnetic boost converter that
creates a supply voltage of up to 20 V LED from the
battery voltage. The output can be set at 1-V steps
from 5 V to 20 V. In adaptive mode the circuit
automatically adjusts the output voltage to minimum
sufficient
level
for
lowest
power
consumption.
Temperature
is
measured
using
an
external
temperature sensor placed close to the LEDs. The
second ADC input can be used, for example, for
ambient light measurement.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (MAX)
LP5520
DSBGA (25)
2.787 mm × 2.621 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application


Similar Part No. - LP5520

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP5520 NSC-LP5520 Datasheet
1,022Kb / 34P
RGB Backlight LED Driver
logo
Texas Instruments
LP5520 TI2-LP5520 Datasheet
751Kb / 45P
LP5520 RGB Backlight LED Driver
REVISED MARCH 2016
logo
National Semiconductor ...
LP5520TL NSC-LP5520TL Datasheet
1,022Kb / 34P
RGB Backlight LED Driver
logo
Texas Instruments
LP5520TL/NOPB TI2-LP5520TL/NOPB Datasheet
751Kb / 45P
LP5520 RGB Backlight LED Driver
REVISED MARCH 2016
LP5520TL/NOPB.A TI2-LP5520TL/NOPB.A Datasheet
751Kb / 45P
LP5520 RGB Backlight LED Driver
REVISED MARCH 2016
More results

Similar Description - LP5520

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5008 ONSEMI-NCP5008 Datasheet
119Kb / 20P
Backlight LED Boost Driver
August, 2003 ??Rev. 4
logo
National Semiconductor ...
LP5520 NSC-LP5520 Datasheet
1,022Kb / 34P
RGB Backlight LED Driver
logo
Allegro MicroSystems
A8504 ALLEGRO-A8504 Datasheet
556Kb / 18P
WLED/RGB Backlight Driver for Medium Size LCDs
logo
NXP Semiconductors
UBA3070 NXP-UBA3070 Datasheet
78Kb / 13P
LED backlight driver IC
Rev. 02-2 December 2008
logo
ON Semiconductor
NCS29001 ONSEMI-NCS29001 Datasheet
208Kb / 16P
LED Backlight Driver
October, 2013 ??Rev. 1
logo
Maxim Integrated Produc...
MAX20070 MAXIM-MAX20070 Datasheet
1Mb / 34P
LED Backlight Driver
Rev 0; 9/14
logo
Holtek Semiconductor In...
HT7963 HOLTEK-HT7963 Datasheet
2Mb / 11P
LED Backlight Driver
logo
Newhaven Display Intern...
NHD-5.7B-LED NEWHAVEN-NHD-5.7B-LED Datasheet
195Kb / 3P
LED Backlight Driver
NHD-5.7F-LED NEWHAVEN-NHD-5.7F-LED Datasheet
339Kb / 3P
LED Backlight Driver
logo
List of Unclassifed Man...
DF6113 ETC2-DF6113 Datasheet
1Mb / 7P
LED Backlight Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com