Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AD9642 Datasheet(PDF) 21 Page - Analog Devices

Part # AD9642
Description  14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9642 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9642_15 Datasheet HTML 17Page - Analog Devices AD9642_15 Datasheet HTML 18Page - Analog Devices AD9642_15 Datasheet HTML 19Page - Analog Devices AD9642_15 Datasheet HTML 20Page - Analog Devices AD9642_15 Datasheet HTML 21Page - Analog Devices AD9642_15 Datasheet HTML 22Page - Analog Devices AD9642_15 Datasheet HTML 23Page - Analog Devices AD9642_15 Datasheet HTML 24Page - Analog Devices AD9642_15 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
Data Sheet
AD9642
Timing
The AD9642 provides latched data with a pipeline delay of
10 input sample clock cycles. Data outputs are available one
propagation delay (tPD) after the rising edge of the clock signal.
Minimize the length of the output data lines as well as the loads
placed on these lines to reduce transients within the AD9642.
These transients may degrade converter dynamic performance.
The lowest typical conversion rate of the AD9642 is 40 MSPS.
At clock rates below 40 MSPS, dynamic performance may
degrade.
Data Clock Output (DCO)
The AD9642 also provides the data clock output (DCO) intended
for capturing the data in an external register. Figure 2 shows a
timing diagram of the AD9642 output modes.
Table 10. Output Data Format
Input (V)
VIN+ − VIN−,
Input Span = 1.75 V p-p (V)
Offset Binary Output Mode
Twos Complement Mode (Default)
VIN+ − VIN−
<–0.875
00 0000 0000 0000
10 0000 0000 0000
VIN+ − VIN−
−0.875
00 0000 0000 0000
10 0000 0000 0000
VIN+ − VIN−
0
10 0000 0000 0000
00 0000 0000 0000
VIN+ − VIN−
+0.875
11 1111 1111 1111
01 1111 1111 1111
VIN+ − VIN−
>+0.875
11 1111 1111 1111
01 1111 1111 1111
Rev. B | Page 21 of 28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com