Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AP65SL130AI Datasheet(PDF) 4 Page - Advanced Power Electronics Corp.

Part # AP65SL130AI
Description  Fast Switching Characteristic
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP65SL130AI Datasheet(HTML) 4 Page - Advanced Power Electronics Corp.

  AP65SL130AI Datasheet HTML 1Page - Advanced Power Electronics Corp. AP65SL130AI Datasheet HTML 2Page - Advanced Power Electronics Corp. AP65SL130AI Datasheet HTML 3Page - Advanced Power Electronics Corp. AP65SL130AI Datasheet HTML 4Page - Advanced Power Electronics Corp. AP65SL130AI Datasheet HTML 5Page - Advanced Power Electronics Corp. AP65SL130AI Datasheet HTML 6Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
AP65SL130AI
0.37Ω
ID
3,4
Fig 7. Gate Charge Characteristics
Fig 8. Typical Capacitance Characteristics
Fig 9. Maximum Safe Operating Area
Fig10. Effective Transient Thermal Impedance
Fig 11. Transfer Characteristics
Fig 12. Gate Charge Waveform
4
0
10
20
30
40
50
60
02468
10
V GS , Gate-to-Source Voltage (V)
T j =150
o C
T j =25
o C
V DS =10V
0.1
1
10
100
1000
10000
0
200
400
600
800
V DS , Drain-to-Source Voltage (V)
f=1.0MHz
C iss
C oss
C rss
0
2
4
6
8
10
12
0
20406080
100
Q G , Total Gate Charge (nC)
I D =14A
V DS =480V
0.001
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
1
10
t , Pulse Width (s)
PDM
Duty factor = t/T
Peak Tj = PDM x Rthjc + TC
t
T
0.02
0.01
0.05
0.1
0.2
Duty factor=0.5
Single Pulse
0.01
0.1
1
10
100
1
10
100
1000
V DS , Drain-to-Source Voltage (V)
T C =25
o C
Single Pulse
10us
100us
1ms
10ms
100ms
DC
Operation in this area
limited by RDS(ON)
Q
VG
10V
QGS
QGD
QG
Charge
.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com