Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SP3487 Datasheet(PDF) 9 Page - Sipex Corporation

Part # SP3487
Description  3.3V Low Power Quad RS-485/RS-422 Line Drivers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3487 Datasheet(HTML) 9 Page - Sipex Corporation

  SP3487 Datasheet HTML 1Page - Sipex Corporation SP3487 Datasheet HTML 2Page - Sipex Corporation SP3487 Datasheet HTML 3Page - Sipex Corporation SP3487 Datasheet HTML 4Page - Sipex Corporation SP3487 Datasheet HTML 5Page - Sipex Corporation SP3487 Datasheet HTML 6Page - Sipex Corporation SP3487 Datasheet HTML 7Page - Sipex Corporation SP3487 Datasheet HTML 8Page - Sipex Corporation SP3487 Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
10/15/02
SP3486/3487 Low Power Quad RS485/422 Line Drivers
© Copyright 2002 Sipex Corporation
9
ORDERING INFORMATION
Quad RS485 Drivers:
Model ..................................................... Enable/Disable .......................................... Temperature Range ......................................... Package
SP3486CP .......................... Common; active Low and Active High ............................. 0°C to +70°C ..................................... 16–pin Plastic DIP
SP3486CT ........................... Common; active Low and Active High ............................. 0°C to +70°C .............................................. 16–pin SOIC
SP3486EP ........................... Common; active Low and Active High ........................... –40°C to +85°C .................................. 16–pin Plastic DIP
SP3486ET ........................... Common; active Low and Active High ........................... –40°C to +85°C ........................................... 16–pin SOIC
SP3487CP ............................... One per driver pair; active High ................................... 0°C to +70°C ..................................... 16–pin Plastic DIP
SP3487CT ................................ One per driver pair; active High ................................... 0°C to +70°C .............................................. 16–pin SOIC
SP3487EP ................................ One per driver pair; active High ................................ –40°C to +85°C .................................. 16–pin Plastic DIP
SP3487ET ................................ One per driver pair; active High ................................ –40°C to +85°C ........................................... 16–pin SOIC
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume any liability arising out of the
application or use of any product or circuit described hereing; neither does it convey any license under its patent rights nor the rights of others.
Corporation
SIGNAL PROCESSING EXCELLENCE
Please consult the factory for pricing and availability on a Tape-On-Reel option.
Sipex Corporation
Headquarters and
Sales Office
233 South Hillview Drive
Milpitas, CA 95035
TEL: (408) 934-7500
FAX: (408) 935-7600
Sales Office
22 Linnell Circle
Billerica, MA 01821
TEL: (978) 667-8700
FAX: (978) 670-9001
e-mail: sales@sipex.com



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com