Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SP486 Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP486
Description  Quad RS-485/RS-422 Line Drivers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP486 Datasheet(HTML) 3 Page - Sipex Corporation

  SP486 Datasheet HTML 1Page - Sipex Corporation SP486 Datasheet HTML 2Page - Sipex Corporation SP486 Datasheet HTML 3Page - Sipex Corporation SP486 Datasheet HTML 4Page - Sipex Corporation SP486 Datasheet HTML 5Page - Sipex Corporation SP486 Datasheet HTML 6Page - Sipex Corporation SP486 Datasheet HTML 7Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
SP486/487
Quad RS-485/RS-422 Line Drivers
© Copyright 2000 Sipex Corporation
PINOUT — SP486
1
2
3
4
SP486
DI1
DO1A
DO1B
EN
DO2B
DO2A
DI2
GND
VCC
DI4
DO4A
DO4B
EN
DO3B
DO3A
DI3
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
A
B
RDIFF
CL1
CL2
EN
EN
DI
DRIVER
Figure 2. Driver Timing Test
VOC
VDO
A
B
R
R
Figure 1. Driver DC Test Load
S1
OUTPUT
UNDER TEST
S2
VCC
500 ohms
CL
Figure 3. Driver Timing Test Load
SP486 PINOUT
Pin 1 — DI
1 — Driver 1 Input — If Driver 1 output is
enabled,logic0onDI
1 forces driver output DO1A low
and DO
1B high. A logic 1 on DI1 with Driver 1 output
enabled forces driver DO
1A high and DO1B low.
Pin 2 — DO
1A — Driver 1 output A.
Pin 3 — DO
1B — Driver 1 output B.
Pin 4 — EN — Driver Output Enable. Please refer to
SP486 Truth Table (1).
Pin 5 — DO2B — Driver 2 output B.
Pin 6 — DO
2A — Driver 2 output A.
Pin 7 — DI
2 — Driver 2 Input — If Driver 2 output is
enabled,logic0onDI
2 forces driver output DO2A low
and DO
2B high. A logic 1 on DI2 with Driver 2 output
enabled forces driver DO
2A high and DO2B low.
Pin 8 — GND — Digital Ground.
Pin 9 — DI
3 — Driver 3 Input — If Driver 3 output is
enabled,logic0onDI
3 forces driver output DO3A low
and DO
3B high. A logic 1 on DI3 with Driver 3 output
enabled forces driver DO
3A high and DO3B low.
Pin 10 — DO
3A — Driver 3 output A.
Pin 11 — DO
3B — Driver 3 output B.
Pin 12 — EN — Driver Output Disable. Please refer
to SP486 Truth Table (1).
Pin 13 — DO
4B — Driver 4 output B.
Pin 14 — DO
4A — Driver 4 output A.
Pin 15 — DI
4 — Driver 4 Input — If Driver 4 output
is enabled, logic 0 on DI
4 forces driver output DO4A
low and DO
4B high. A logic 1 on DI4 with Driver 3
output enabled forces driver DO
4A high and DO4B
low.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com