Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SP503 Datasheet(PDF) 11 Page - Sipex Corporation

Part # SP503
Description  Multiprotocol Transceiver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP503 Datasheet(HTML) 11 Page - Sipex Corporation

Back Button SP503 Datasheet HTML 7Page - Sipex Corporation SP503 Datasheet HTML 8Page - Sipex Corporation SP503 Datasheet HTML 9Page - Sipex Corporation SP503 Datasheet HTML 10Page - Sipex Corporation SP503 Datasheet HTML 11Page - Sipex Corporation SP503 Datasheet HTML 12Page - Sipex Corporation SP503 Datasheet HTML 13Page - Sipex Corporation SP503 Datasheet HTML 14Page - Sipex Corporation SP503 Datasheet HTML 15Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
11
Date: 7/29/04
SP503 Multiprotocol Transceiver
© Copyright 2004 Sipex Corporation
SP503
+
22µF, 16V
22µF (VCC decoupling)
+5V, ±5%
+
22µF
16V
25
27
26
30
28
31
32
22µF
16V
+
+
22µF, 16V
VCC
VDD
C1+
C1–
C2+
C2–
VSS
GND
Charge
Pump
V.35 External
Driver Output
Termination Resistors
All VCC connections can be tied
together. Charge pump capacitors must
be placed as close to the package as
possible.
107Ω
-5V
232Ω
232Ω
107Ω
-5V
232Ω
232Ω
120Ω
50Ω
50Ω
120Ω
50Ω
50Ω
V.35 External
Receiver Input
Termination Resistors
Receiver
Decode
Driver
Decode
Ext.
Latch
1
1
1
0
1
1
1
0
Note: An external voltage of -5V, ±5% is needed for the driver output termination resistors.
These V.35 termination resistors comply with all the parameters specified in CCITT
Recommendation V.35. For other termination configurations, please consult factory.
IN5819
200Ω
200Ω
200Ω
200Ω
107Ω
-5V
232Ω
232Ω
200Ω
200Ω
120Ω
50Ω
50Ω
+
Figure 6. Typical Operating Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com