Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SP503CF Datasheet(PDF) 10 Page - Sipex Corporation

Part # SP503CF
Description  Application Note
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP503CF Datasheet(HTML) 10 Page - Sipex Corporation

Back Button SP503CF Datasheet HTML 5Page - Sipex Corporation SP503CF Datasheet HTML 6Page - Sipex Corporation SP503CF Datasheet HTML 7Page - Sipex Corporation SP503CF Datasheet HTML 8Page - Sipex Corporation SP503CF Datasheet HTML 9Page - Sipex Corporation SP503CF Datasheet HTML 10Page - Sipex Corporation SP503CF Datasheet HTML 11Page - Sipex Corporation SP503CF Datasheet HTML 12Page - Sipex Corporation SP503CF Datasheet HTML 13Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
SP503AN
SP503 Application Note
© Copyright 2000 Sipex Corporation
10
Creating extra RS-232 channels using the SP310A
22
µF22µF
22
µF
25
27
26
30
28
31
32
1N5819
VCC
VDD
C1-
C2- VSS
C1+
C2+
22
µF
61
1
7
2
14
59
+5V
SP503CF
Drivers
TxD
14
58
20
23
56
DTR
13
54
4
19
52
RTS
16
63
24
11
65
TxC
15
42
44
ST
22
47
21
45
RL
17
51
18
49
LL
24
70
3
16
71
RxD
1
37
17
9
38
RxC
20
66
5
13
67
CTS
80
68
6
69
DSR
78
35
8
10
36
DCD
19
39
22
40
RI
21
76
15
12
77
SCT
79
Receivers
+5V
17
V+
SP310ACT
3
RDEC1
RDEC1
DB-25 connector in
DTE configuration.
25
7
31
VCC
VDD
C1-
C2- VSS
C1+
C2+
VCC
C1-
C2-
C1+
C2+
ON/OFF
V-
32
4 5
6
18
12
11
TM
13
10
9
14
8
15
0.1
µF
0.1
µF
0.1
µF
0.1
µF
(Pin 3 of
the SP503)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com