Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SP505 Datasheet(PDF) 10 Page - Sipex Corporation

Part # SP505
Description  Evaluation Board Manual
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP505 Datasheet(HTML) 10 Page - Sipex Corporation

Back Button SP505 Datasheet HTML 6Page - Sipex Corporation SP505 Datasheet HTML 7Page - Sipex Corporation SP505 Datasheet HTML 8Page - Sipex Corporation SP505 Datasheet HTML 9Page - Sipex Corporation SP505 Datasheet HTML 10Page - Sipex Corporation SP505 Datasheet HTML 11Page - Sipex Corporation SP505 Datasheet HTML 12Page - Sipex Corporation SP505 Datasheet HTML 13Page - Sipex Corporation SP505 Datasheet HTML 14Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
504/505 AppNote/03
New SP504/505 Evaluation Board
© Copyright 2000 Sipex Corporation
10
SP505 Pin Assignments (cont)
Pin #
Pin Name
Pin Function
Pin Description
Power Supplies
Pins 25, 33, 41 48, 55, 62, 73, 74 connect to Vcc +5 volts.
Pins 29, 34, 43, 46, 50, 53, 57, 60, 64, 72, 75 connect to ground.
Pin 27 is Vdd +10 volts. Connect 22uF 16 volt capacitor between pin 27 and Vcc.
Pin 32 is Vss -10 volts. Connect 22uF 16 volt capacitor between pin 32 and ground.
Pins 26 & 30 are C1+ & C1-. Connect 22uF 16 volt capacitor between pin26 & pin 30.
Pins 28 & 31 are C2+ & C2-. Connect 22uF 16 volt capacitor between pin28 & pin 31.
Note:
Ensure all Vcc and ground connections are made before operating device.
Control Registers
2
SDEN
TTL Input
Enable control SD driver (active low).
3
TREN
TTL Input
Enable control TR driver (active low).
4
RSEN
TTL Input
Enable control TR driver (active low).
5
LLEN
TTL Input
Enable control LL driver (active low).
6
TTEN
TTL Input
Enable control TT driver (active low).
7
SCTEN
TTL Input
Enable control SCT receiver (active high).
8
LATCH
TTL Input
Latch control logic high is transparent.
9
TDEC3
TTL Input
Receiver & Driver mode select line.
10
TDEC2
TTL Input
Receiver & Driver mode select line.
11
TDEC1
TTL Input
Receiver & Driver mode select line.
12
TDEC0
TTL Input
Receiver & Driver mode select line.
18
RLEN
TTL Input
Enable control RL driver (active low).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com