Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SP522 Datasheet(PDF) 18 Page - Sipex Corporation

Part # SP522
Description  Low-Cost Programmable Multi-Protocol Transceivers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP522 Datasheet(HTML) 18 Page - Sipex Corporation

Back Button SP522 Datasheet HTML 14Page - Sipex Corporation SP522 Datasheet HTML 15Page - Sipex Corporation SP522 Datasheet HTML 16Page - Sipex Corporation SP522 Datasheet HTML 17Page - Sipex Corporation SP522 Datasheet HTML 18Page - Sipex Corporation SP522 Datasheet HTML 19Page - Sipex Corporation SP522 Datasheet HTML 20Page - Sipex Corporation SP522 Datasheet HTML 21Page - Sipex Corporation SP522 Datasheet HTML 22Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
18
Rev. 7/10/03
SP522 Multi–Mode Serial Transceivers
© Copyright 2003 Sipex Corporation
Figure 15. Adding extra channels using the SP522 and SP504
CIRCUIT
CIRCUIT NAME
CIRCUIT
CIRCUIT
MNEMONIC
DIRECTION
TYPE
SG
SIGNAL GROUND
--------------
SC
SEND COMMON
TO DCE
RC
RECEIVE COMMON
FROM DCE
IS
TERMINAL IN SERVICE
TO DCE
IC
INCOMING CALL
FROM DCE
TR
TERMINAL READY
TO DCE
DM
DATA MODE
FROM DCE
SD
SEND DATA
TO DCE
RD
RECEIVE DATA
FROM DCE
TT
TERMINAL TIMING
TO DCE
ST
SEND TIMING
FROM DCE
RT
RECEIVE TIMING
FROM DCE
RS
REQUEST TO SEND
TO DCE
CS
CLEAR TO SEND
FROM DCE
RR
RECEIVER READY
FROM DCE
SQ
SIGNAL QUALITY
FROM DCE
NS
NEW SIGNAL
TO DCE
SF
SELECT FREQUENCY
TO DCE
SR
SIGNAL RATE SELECTOR
TO DCE
SI
SIGNAL RATE INDICATOR
FROM DCE
SSD
SECONDARY SEND DATA
TO DCE
SRD
SECONDARY RD
FROM DCE
SRS
SECONDARY RS
TO DCE
SCS
SECONDARY CS
FROM DCE
SRR
SECONDARY RR
FROM DCE
LL
LOCAL LOOPBACK
TO DCE
RL
REMOTE LOOPBACK
TO DCE
TM
TEST MODE
FROM DCE
SS
SELECT STANDBY
TO DCE
SB
STANDBY INDICATOR
FROM DCE
RS-449 Interchange Circuits Table
CONTROL
COMMON
DATA
TIMING
CONTROL
DATA
CONTROL
CONTROL
CONTROL
VCC
VDD
61
59
+5V
SP504CF
Drivers
TxD
14
58
56
DTR
13
54
52
RTS
16
63
65
TxC
15
42
44
ST
22
47
45
RL
17
51
49
LL
24
70
71
RxD
1
37
38
RxC
20
66
67
CTS
80
68
69
DSR
78
35
36
DCD
19
39
40
RI
21
76
77
SCT
79
Receivers
see pinout diagram for various ground pins
4
22
12
30
7
25
17
35
6
24
8
26
9
27
11
29
13
31
15
5
23
DB-37 Connector
10
14
32
VSS
22µF
22µF22µF
22µF
various VCC
supply pins
27
26
30
28
31
1N5819
C1-
C2-
C1+
C2+
10µF
12
11
10
9
TDEC0
TDEC1
TDEC2
TDEC3
RDEC0
RDEC1
RDEC2
RDEC3
2
3
4
5
+5V
13
VCC
SP522
1
20
21
22
10µF
10µF
11
15
10
9
18
24
1
0
0
1
Tied to TDEC0
Tied to TDEC1
DP1
DP0
+5V
10µF
+
+
+
+
++
+
+
VDD
VSS
7
8
14
RS-423 Outputs
RS-423 Inputs
–5V
6
4
5
3
LATCH_EN
2
LOOPBCK
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com