Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SP5301 Datasheet(PDF) 9 Page - Sipex Corporation

Part # SP5301
Description  Universal Serial Bus Transceiver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP5301 Datasheet(HTML) 9 Page - Sipex Corporation

Back Button SP5301 Datasheet HTML 5Page - Sipex Corporation SP5301 Datasheet HTML 6Page - Sipex Corporation SP5301 Datasheet HTML 7Page - Sipex Corporation SP5301 Datasheet HTML 8Page - Sipex Corporation SP5301 Datasheet HTML 9Page - Sipex Corporation SP5301 Datasheet HTML 10Page - Sipex Corporation SP5301 Datasheet HTML 11Page - Sipex Corporation SP5301 Datasheet HTML 12Page - Sipex Corporation SP5301 Datasheet HTML 13Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9
SP5301DS/10
SP5301 Universal Serial Bus Transceiver
© Copyright 2000 Sipex Corporation
Figure 6. Setup for Speed
Figure 7. Load for VM, VP, RERR, RSEO and RCV
Figure 8. Load for Enable and Disable Times
Figure 9. Load for D+/D-
2.7V
GND
2.7V
GND
SPEED
D+/D-
tSU
tSU
VCR
VCR
50%
50%
D.U.T.
25pF
Test Point
AC WAVEFORMS (continued)
NOTE: V
X = VOL + 0.3V, VY = VOH - 0.3V, VCC > +3.0V, VOL and VOH are the typical output voltage drops that occur
with the output load.
D.U.T.
50pF
22
Ω
500
Ω
V
Test Point
V = 0V for tPZH and tPHZ
V = VCC for tPZL and tPLZ
D.U.T.
15K
Ω
CL
22
Ω
Test Point
SW1
VCC
1.5K
Ω
CL = 50pF, Full Speed
CL = 350pF, Low Speed
TEST
SW1
D-/LS
Close
D+/LS
Open
D-/FS
Open
D+/FS
Close



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com