Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SP6200 Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP6200
Description  Micropower, 100mA and 200mA CMOS LDO Regulators
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6200 Datasheet(HTML) 3 Page - Sipex Corporation

  SP6200 Datasheet HTML 1Page - Sipex Corporation SP6200 Datasheet HTML 2Page - Sipex Corporation SP6200 Datasheet HTML 3Page - Sipex Corporation SP6200 Datasheet HTML 4Page - Sipex Corporation SP6200 Datasheet HTML 5Page - Sipex Corporation SP6200 Datasheet HTML 6Page - Sipex Corporation SP6200 Datasheet HTML 7Page - Sipex Corporation SP6200 Datasheet HTML 8Page - Sipex Corporation SP6200 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3
Date:5/25/04
SP6200/6201 100/200mA CMOS LDO Regulator
© Copyright 2004 Sipex Corporation
Note 1. Exceeding the absolute maximum rating may damage the device.
Note 2. The device is not guaranteed to function outside its operating rating.
Note 3. The maximum allowable power dissipation at any T
A (ambient temperature) is PD (MAX) = (TJ (MAX) – TA) / θϑA
.
Exceeding the maximum allowable power dissipation will result in excessive die temperature, and the regulator will
go into thermal shutdown. The θ
JA of the SP6200/6201 (all versions) is 90°C/W for the SOT-23-5 and 59°C/W for
the DFN package on a standard 4 layer board (see “Thermal Considerations” section for further details).
Note 4. Output voltage temperature coefficient is defined as the worst case voltage change divided by the total
temperature range.
Note 5. Load Regulation is measured at constant junction temperature using low duty cycle pulse testing. Parts are
tested for load regulation in the load range; from 0.1mA to 100mA, SP6200; from 0.1mA to 200mA, SP6201. Changes
in output voltage due to heating effects are covered by the thermal regulation specification. Not applicable to output
voltages less than 2.5V.
Note 6. Dropout Voltage is defined as the input to output differential at which the output voltage drops 2% below
its nominal value measured at 1V differential. Not applicable to output voltages less than 2.7V.
Note 7. Ground pin current is the regulator quiescent current. The total current drawn from the supply is the sum
of the load current plus the ground pin current.
Note 8. Thermal regulation is defined as the change in output voltage at a time ”t” after a change in power dissipation
is applied, excluding load or line regulation effects. Specifications are for a 100mA load pulse at V
IN = 6V for t = 10ms.
ELECTRICAL CHARACTERISTICS: Continued
V
IN = VOUT +1V, VO = 5V for ADJ, IL = 100µA, CIN = 1.0µF, COUT = 1.0µF, TJ = 25
°C , unless otherwise specified. The ♦ denotes the
specifications which apply over the full operating temperature range, unless otherwise specified.
PARAMETER
MIN
TYP
MAX
UNITS
CONDITIONS
Thermal Regulation,
0.05
%/W
Note 8, (∆VO/∆PD)
Output Noise, (e no)IL = 50mA, CL = 1µF
150
µVrms
0.1µF from VOUT to Adj.
10Hz to 100kHz
ENABLE INPUT
Enable Input Logic-Low Voltage,
0.4
V
Regulator Shutdown
(VIL)
Enable Input Logic-High Voltage,
1.6
V
Regulator Enabled
(VIH)
Enable Input Current, (IIL), (IIH)
0.01
1
µA
VIL < 0.4V
0.01
1
µA
VIH > 2.0V
Reset Not Output
-2
-4
-6
%
Threshold



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com