Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SP6660 Datasheet(PDF) 13 Page - Sipex Corporation

Part # SP6660
Description  200mA Charge Pump Inverter or Doubler
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6660 Datasheet(HTML) 13 Page - Sipex Corporation

Back Button SP6660 Datasheet HTML 9Page - Sipex Corporation SP6660 Datasheet HTML 10Page - Sipex Corporation SP6660 Datasheet HTML 11Page - Sipex Corporation SP6660 Datasheet HTML 12Page - Sipex Corporation SP6660 Datasheet HTML 13Page - Sipex Corporation SP6660 Datasheet HTML 14Page - Sipex Corporation SP6660 Datasheet HTML 15Page - Sipex Corporation SP6660 Datasheet HTML 16Page - Sipex Corporation SP6660 Datasheet HTML 17Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
SP6660DS/11
SP6660 200mA Charge Pump Inverter or Doubler
© Copyright 2000 Sipex Corporation
13
For a nominal f
PUMP of 5kHz (where fOSC =10kHz)
and C2=150
µF with an ESR of 0.2Ω, the ripple
is approximately 90mV with a 100mA load
current. If C2 is raised to 390
µF, the ripple drops
to 45mV. The output ripple voltage is calculated
by noting that capacitor C2 supplies the output
current during one-half of the charge pump cycle.
OSC is internally connected to a 15pF capacitor.
An external capacitor can be added to slow the
oscillator. Designers should take care to
minimize stray capacitance. An external
oscillator may also be connected to overdrive
OSC. Refer to the Oscillator Control section
for further details.
Figure 22. Typical Operating Circuit for the Positive Voltage Doubler
OSC
OUT
SP6660
+VIN
+1.5V to +4.25V
C1
1
µF to 150µF
5
1
2
7
4
FC
C2
1
µF to 150µF
CAP+
CAP-
GND
6
8
3
LV
DOUBLE
VOLTAGE
OUTPUT
TYPICAL CIRCUIT: VOLTAGE DOUBLER
+V
Positive Voltage Doubler
The SP6660 can double the output voltage of an
input power supply or battery. From a +4.25V
input, the circuit in Figure 22 can provide 100mA
with +8.0V at V+. The no-load voltage output at
V+ is 2(V
INL).
LV may be tied to OUT pin for all input voltages
in the positive voltage doubler mode. Connect
the power-supply positive voltage input to GND
pin. Connect the power-supply ground input to
OUT pin. V+ is the positive voltage output in
this mode.
Designers may overdrive OSC in the positive
voltage doubler mode. Refer to the Oscillator
Control section for further details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com