Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SP6660EP Datasheet(PDF) 10 Page - Sipex Corporation

Part # SP6660EP
Description  200mA Charge Pump Inverter or Doubler
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6660EP Datasheet(HTML) 10 Page - Sipex Corporation

Back Button SP6660EP Datasheet HTML 6Page - Sipex Corporation SP6660EP Datasheet HTML 7Page - Sipex Corporation SP6660EP Datasheet HTML 8Page - Sipex Corporation SP6660EP Datasheet HTML 9Page - Sipex Corporation SP6660EP Datasheet HTML 10Page - Sipex Corporation SP6660EP Datasheet HTML 11Page - Sipex Corporation SP6660EP Datasheet HTML 12Page - Sipex Corporation SP6660EP Datasheet HTML 13Page - Sipex Corporation SP6660EP Datasheet HTML 14Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
SP6660DS/11
SP6660 200mA Charge Pump Inverter or Doubler
© Copyright 2000 Sipex Corporation
10
TYPICAL PERFORMANCE CHARACTERISTICS
V
IN = +3.6V, TAMB = 25
oC unless otherwise noted. LF = Low Frequency, FC = Open, C1 = C2 = 150
µF.
HF = High Frequency, FC = V+, C1 = C2 = 22
µF. Inverter Circuit use Figure 1. Doubler Circuit use Figure 2.
Figure 15. Output Source Resistance vs. Temperature Inverter LF
Figure 14. Output Source Resistance vs. Supply Voltage
Figure 16. Output Source Resistance vs. Temperature where Inverter HF
Temperature (C)
Temperature (C)
LF
HF
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
16.0
12.0
8.0
4.0
0.0
Supply Voltage (V)
-50
-25
0
25
50
75
100
7
6
5
4
3
2
1
0
-50
-25
0
25
50
75
100
7
6
5
4
3
2
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com