Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SP6682 Datasheet(PDF) 7 Page - Sipex Corporation

Part # SP6682
Description  High Efficiency Charge Pump Regulator for White LEDs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6682 Datasheet(HTML) 7 Page - Sipex Corporation

Back Button SP6682 Datasheet HTML 3Page - Sipex Corporation SP6682 Datasheet HTML 4Page - Sipex Corporation SP6682 Datasheet HTML 5Page - Sipex Corporation SP6682 Datasheet HTML 6Page - Sipex Corporation SP6682 Datasheet HTML 7Page - Sipex Corporation SP6682 Datasheet HTML 8Page - Sipex Corporation SP6682 Datasheet HTML 9Page - Sipex Corporation SP6682 Datasheet HTML 10Page - Sipex Corporation SP6682 Datasheet HTML 11Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
Date: 5/5/04
SP6682 High Efficiency Charge Pump Regulator for White LEDs
© Copyright 2004 Sipex Corporation
In this application, the bias resistor can be se-
lected by:
RB =
VFB
ILED (TOTAL)
where ILED(TOTAL) is the total operating current
of all the white LEDs.
To use SP6682 as a voltage source for fixed
voltage applications, a voltage divider is need to
program the ouput voltage, as shown in figure 12.
The output voltage is set by the ratio of the two
Anode
5
8
SP6682
Cathode
V
OUT
R6
1
R5
2.2uF
V
FB
2-wire W-LED
module
GND
Figure 12. Driving 2-wire white LED module as voltage
source
resistors and the feedback control voltage as
shown by:
VOUT = ( 1 +
R5
) • VFB
R6
Programming the Operating Mode
SP6682 can automatically change from X1.5
mode to X2 mode for highest efficiency. To use
this feature, divider resistors should be chosen
according to the specific application, as shown
in figure 13.
The guideline for divider resistor selections is as
follows. For high input voltage, the SP6682 will
work in X1.5 mode. When the input voltage
drops to Vth threshold voltage, it will switch to
X2 mode automatically. The Vth threshold volt-
age for mode change can be calculated by:
VTH = (VF + 0.306 + m • ILED • ROUT)/1.5
Where VF and m are the forward voltage and
number of the white LEDs, Rout is the output
resistance of the SP6682.
The equation for the voltage divider R1 and R2
with VMODE = 1.25V is:
VTH = 1.25V • (1+R1/R2)
which can be expressed as R1:
R1 = (VTH / 1.25 -1) • R2
For the typical SP6682 application, Using
VF=3.6V, m=4, ILED=15mA, ROUT=16Ω, the
VTH will be 3.24V. Select R2=100kΩ, then
R1=158kΩ.
Capacitor Selection
Ceramic capacitors are recommended for their
inherently low ESR, which will help produce
low peak to peak output ripple, and reduce high
frequency spikes.
The fly capacitor controls the strength of the
charge pump. Selection of the fly capacitor is a
trade-off between the output voltage ripple and
the output current capability. Decreasing the fly
capacitor will reduce the output voltage ripple
because less charge will be delivered to the
output capacitor. However, smaller fly capaci-
V
IN
V
IN
C2
GND
4
V
MODE
R1
SP6682
8
R2
3
Figure 13. Programming the Vmode Resistors
APPLICATION INFORMATION: Continued



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com