Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SP6690 Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP6690
Description  Micro Power Boost Regulator Series White LED Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6690 Datasheet(HTML) 2 Page - Sipex Corporation

  SP6690 Datasheet HTML 1Page - Sipex Corporation SP6690 Datasheet HTML 2Page - Sipex Corporation SP6690 Datasheet HTML 3Page - Sipex Corporation SP6690 Datasheet HTML 4Page - Sipex Corporation SP6690 Datasheet HTML 5Page - Sipex Corporation SP6690 Datasheet HTML 6Page - Sipex Corporation SP6690 Datasheet HTML 7Page - Sipex Corporation SP6690 Datasheet HTML 8Page - Sipex Corporation SP6690 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
Date: 05/25/04
SP6690 Micro Power Boost Regualtor, Series White LED Driver
© Copyright 2004 Sipex Corporation
V
IN ....................................................................... 15V
SW Voltage .............................................. -0.4 to 34V
FB Voltage ......................................................... 2.5V
All other pins ................................... -0.3 to V
IN + 0.3V
Current into FB ................................................. ±1mA
T
J Max ............................................................. 125°C
Operating Temperature Range ............ -40°C to 85°C
Peak Output Current < 10us SW .................... 500mA
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
CONDITIONS
Input Voltage
VIN
1.0
13.5
V
Supply Current
IQ
20
30
µA
No Switching
0.01
1
µA
SHDN = 0V (off)
Reference Voltage
VFB
1.17
1.22
1.27
V
FB Hysteresis
HYST
8
mV
VFB Input Bias Current
IFB
15
80
nA
VFB = 1.22V
Line Regulation
∆Vo/∆VI
0.1
0.3
%/V
1.2 ≤ VIN ≤ 13.5V
Switch Off Time
TOFF
250
nS
VFB > 1V
1200
nS
VFB < 0.3V
Switch Saturation Voltage
VCESAT
170
350
mV
ISW = 250mA
Switch Current Limit
ILIM
250
350
450
mA
SHDN Bias Current
ISHDN
512
µA
VSHDN = 3.3V
SHDN High Threshold (on)
VIH
0.9
V
SHDN Low Threshold (off)
VIL
0.25
V
Switch Leakage Current
ISWLK
0.01
5
µA
Switch Off, VSW = 5V
Storage Temperature ...................... -65°C to +150°C
Power Dissipation. ......................................... 200mW
Lead Temperature (Soldering, 10 sec) ............ 300°C
ESD Rating ................................................. 2kV HBM
These are stress ratings only and functional operation of the device at
these ratings or any other above those indicated in the operation sections
of the specifications below is not implied. Exposure to absolute maximum
rating conditions for extended periods of time may affect reliability.
ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS
Specifications are at TA=25°C, VIN =3.3, VSHDN =VIN,
denotes the specifications which apply over the full operating
temperature range, unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com