Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LS7211 Datasheet(PDF) 1 Page - LSI Computer Systems

Part # LS7211
Description  PROGRAMMABLE DIGITAL DELAY TIMER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7211 Datasheet(HTML) 1 Page - LSI Computer Systems

  LS7211_03 Datasheet HTML 1Page - LSI Computer Systems LS7211_03 Datasheet HTML 2Page - LSI Computer Systems LS7211_03 Datasheet HTML 3Page - LSI Computer Systems LS7211_03 Datasheet HTML 4Page - LSI Computer Systems LS7211_03 Datasheet HTML 5Page - LSI Computer Systems LS7211_03 Datasheet HTML 6Page - LSI Computer Systems LS7211_03 Datasheet HTML 7Page - LSI Computer Systems LS7211_03 Datasheet HTML 8Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
PROGRAMMABLE DIGITAL DELAY TIMER
DESCRIPTION:
The LS7211 and LS7212 are CMOS integrated circuits for
generating digitally programmable delays. The
delay is
controlled by 8 binary weighted inputs, WB0 - WB7, in con-
junction with an applied clock or oscillator frequency. The
programmed time delay manifests itself in the Delay Output
(OUT) as a function of the Operating Mode selected by the
Mode Select inputs A and B: One-Shot, Delayed Operate,
Delayed Release or Dual Delay. The time delay is initiated
by a transition of the Trigger Input (TRIG).
I/O DESCRIPTION:
MODE SELECT Inputs A & B (Pins 1 & 2)
The 4 operating modes are selected by Inputs A and B
according to Table 1
TABLE 1. MODE SELECTION
A
B
MODE
0
0
One-Shot (OS)
0
1
Delayed Operate (DO)
1
0
Delayed Release (DR)
1
1
Dual Delay (DD)
Each input has an internal pull-up resistor of about 500k
Ω.
One-Shot Mode (OS)
A positive transition at the TRIG input causes OUT to
switch low without delay and starts the delay timer. At the
end of the programmed delay timeout, OUT switches high.
If a delay timeout is in progress when a positive transition
occurs at the TRIG input, the delay timer will be restarted.
A negative transition at the TRIG input has no effect.
Delayed Operate Mode (DO)
A positive transition at the TRIG input starts the delay tim-
er. At the end of the delay timeout, OUT switches low. A
negative transition at the TRIG input causes OUT to switch
high without delay. OUT is high when TRIG is low.
Delayed Release Mode (DR)
A negative transition at the TRIG input starts the delay tim-
er. At the end of the delay timeout, OUT switches high. A
postive transition at the TRIG input causes OUT to switch
low without delay. OUT is low when TRIG is high.
Dual Delay Mode (DD)
A positive or negative transition at the TRIG input starts
the delay timer. At the end of the delay timeout, OUT
switches to the logic state which is the inverse of the TRIG
input. If a delay timeout is in progress when a transition
occurs at the TRIG input, the delay timer is restarted.
7211-110503-1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
OUT
V DD (+V)
A
B
TRIG
RC/CLOCK
RCS/CLKS
PSCLS
RESET
V SS (-V)
WB0
WB1
WB2
WB3
WB4
WB5
WB6
WB7
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
OUT
V DD (+V)
A
B
TRIG
XTLI/CLOCK
XTLO
PSCLS
RESET
V SS (-V)
WB0
WB1
WB2
WB3
WB4
WB5
WB6
WB7
FIGURE 1
PIN ASSIGNMENT - TOP VIEW
November 2003
LSI/CSI
LSI Computer Systems, Inc. 1235 Walt Whitman Road, Melville, NY 11747 (631) 271-0400 FAX (631) 271-0405
LS7211-7212
FEATURES:
• 8-bit programmable delay from microseconds to days
• On chip oscillator (RC or Crystal) or external clock time base
• Selectable prescaler for real time delay generation based
on 50Hz/60Hz time base or 32.768kHz watch crystal
• Four operating modes
• Reset input for delay abort
• Low quiescent and operating current
• Direct relay drive
• +4V to +18V operation (VDD - VSS)
• LS7211, LS7212 (DIP); LS7211-S, LS7212-S (SOIC) - See Figure 1
UL
®
A3800


Similar Part No. - LS7211_03

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
LS7211N LSI-LS7211N Datasheet
216Kb / 8P
PROGRAMMABLE DIGITAL DELAY TIMER
More results

Similar Description - LS7211_03

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC5555 PHILIPS-74HC5555 Datasheet
142Kb / 23P
Programmable delay timer with oscillator
September 1993
logo
LSI Computer Systems
LS7210 LSI-LS7210 Datasheet
49Kb / 4P
PROGRAMMABLE DIGITAL DELAY TIMER
LS7211 LSI-LS7211 Datasheet
171Kb / 8P
PROGRAMMABLE DIGITAL DELAY TIMER
LS7213 LSI-LS7213 Datasheet
43Kb / 4P
PROGRAMMABLE DIGITAL DELAY TIMER
LS7211N LSI-LS7211N Datasheet
216Kb / 8P
PROGRAMMABLE DIGITAL DELAY TIMER
LS7215 LSI-LS7215 Datasheet
221Kb / 8P
PROGRAMMABLE DIGITAL DELAY TIMER
LS7213R LSI-LS7213R Datasheet
65Kb / 5P
PROGRAMMABLE DIGITAL DELAY TIMER
logo
NXP Semiconductors
74HC5555D-T NXP-74HC5555D-T Datasheet
100Kb / 23P
Programmable delay timer with oscillator
September 1993
logo
LSI Computer Systems
LS7210 LSI-LS7210_06 Datasheet
66Kb / 4P
PROGRAMMABLE DIGITAL DELAY TIMER
logo
Nexperia B.V. All right...
74HC5555 NEXPERIA-74HC5555 Datasheet
314Kb / 28P
Programmable delay timer with oscillator
Rev. 4 - 5 July 2018
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com