Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TLP714 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TLP714
Description  Inverter logic type (open collector output)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP714 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TLP714 Datasheet HTML 1Page - Toshiba Semiconductor TLP714 Datasheet HTML 2Page - Toshiba Semiconductor TLP714 Datasheet HTML 3Page - Toshiba Semiconductor TLP714 Datasheet HTML 4Page - Toshiba Semiconductor TLP714 Datasheet HTML 5Page - Toshiba Semiconductor TLP714 Datasheet HTML 6Page - Toshiba Semiconductor TLP714 Datasheet HTML 7Page - Toshiba Semiconductor TLP714 Datasheet HTML 8Page - Toshiba Semiconductor TLP714 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
TLP714
2
4.
4.
4.
4. Packaging and Pin Configuration
Packaging and Pin Configuration
Packaging and Pin Configuration
Packaging and Pin Configuration
11-5J1S
1: Anode
2: N.C.
3: Cathode
4: GND
5: VO (Output)
6: VCC
5.
5.
5.
5. Internal Circuit
Internal Circuit
Internal Circuit
Internal Circuit
6.
6.
6.
6. Principle of Operation
Principle of Operation
Principle of Operation
Principle of Operation
6.1.
6.1.
6.1.
6.1. Truth Table
Truth Table
Truth Table
Truth Table
Input
H
L
LED
ON
OFF
Output
L
H
6.2.
6.2.
6.2.
6.2. Mechanical Parameters
Mechanical Parameters
Mechanical Parameters
Mechanical Parameters
Characteristics
Creepage distances
Clearance distances
Internal isolation thickness
7.62-mm Pitch
TLP714
7.0 (min)
7.0 (min)
0.4 (min)
10.16-mm Pitch
TLP714F
8.0 (min)
8.0 (min)
0.4 (min)
Unit
mm
2015-12-25
Rev.6.0
©2015 Toshiba Corporation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com