Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HMC331 Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC331
Description  GaAs MMIC PASSIVE FREQUENCY DOUBLER, 12 - 18 GHz INPUT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC331 Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC331 Datasheet HTML 1Page - Hittite Microwave Corporation HMC331 Datasheet HTML 2Page - Hittite Microwave Corporation HMC331 Datasheet HTML 3Page - Hittite Microwave Corporation HMC331 Datasheet HTML 4Page - Hittite Microwave Corporation HMC331 Datasheet HTML 5Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MICROWAVE CORPORATION
4 - 23
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
4
-25
-20
-15
-10
-5
0
12
13
14
15
16
17
18
+ 25 C
+ 85 C
- 55 C
INPUT FREQUENCY (GHz)
-30
-25
-20
-15
-10
-5
0
12
13
14
15
16
17
18
+ 15 dBm
+ 13 dBm
+ 11 dBm
FREQUENCY (GHz)
-100
-80
-60
-40
-20
0
10
15
20
25
30
35
40
45
50
Fo
3Fo
4Fo
FREQUENCY (GHz)
-30
-25
-20
-15
-10
-5
0
12
13
14
15
16
17
18
+ 15 dBm
+ 13 dBm
+ 11 dBm
FREQUENCY (GHz)
-30
-24
-18
-12
-6
0
22 23 24
25 26
27 28 29
30 31
32 33 34
35 36
13 GHz In
15 GHz In
18 GHz In
OUTPUT FREQUENCY (GHz)
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER 17 - 25 GHz
HMC331
Conversion Loss vs.
Temperature @ +15 dBm Drive Level
Conversion Loss
@ 25 Deg C Vs. Drive Level
Isolation @ +15 dBm Drive Level*
Input Return Loss vs. Drive Level
Output Return Loss
For Three Input Frequencies
GaAs MMIC FREQUENCY
DOUBLER, 12 - 18 GHz INPUT
v02.1201
*With respect to input level



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com