Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

2725N Datasheet(PDF) 1 Page - NIHON DEMPA KOGYO

Part # 2725N
Description  Crystal Clock Oscillator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NDK [NIHON DEMPA KOGYO]
Direct Link  http://www.ndk.com/en
Logo NDK - NIHON DEMPA KOGYO

2725N Datasheet(HTML) 1 Page - NIHON DEMPA KOGYO

  2725N Datasheet HTML 1Page - NIHON DEMPA KOGYO  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Crystal Clock Oscillator
13A_1227__2725N_100_e
Absolute maximum rating
Supply Voltage (VCC) -0.5 to +7.0 V
Storage Temperature Range -55 to +125 °C
2725N Series
● For notebook PC, mobile information terminal, and PC card
Application
Item
Model
2725N
Output Level
CMOS
Nominal Frequency Range
(MHz)
2.5 ≤ F < 20
20 ≤ F < 40
40 ≤ F < 60
60 ≤ F ≤ 70
Operating Temperature Range
(°C)
–20 to +70
Overall Frequency Tolerance
(×10–6)
±100
Supply Voltage [VCC]
(V)
+5±10%
Current
Consumption
Max.
During Operation +25 °C
(mA)
Max. 15
Max. 25
Max. 40
Max. 45
During Standby
+25 °C
(A)
Max. 15μ
Max. 25m
VOL Max. / VOH Min.
(V)
0.1 VCC / 0.9 VCC
Tr Max. / Tf Max.
(ns)
5/5 (0.1 VCC to 0.9 VCC)
Symmetry Min. to Max.
(%)
40 to 60 (at 1/2 VCC)
45 to 55 (at 1/2 VCC)
Load (CL) Max.
(pF)
15
Start-up Time Max.
(ms)
4
10
Standby function
Available (Three-state)
Specification Number
NSA6294A
The values of current consumption, Tr/Tf, symmetry show the standard values at CL=15pF.
Specifications
mm
5.0±0.2
1.2±0.1
2.54±0.1
#4
#3
#1
C0.5
#2
Mount an approx. 0.01 F bypass capacitor between VCC and GND
(close to the product)
Terminal land connections
#1
#2
#3
#4
STAND-BY
GND
OUTPUT
VCC
Land pattern (Typical)
Cby=0.01F
2.54
1.4
#4
#3
#2
#1
Dimensions
0.9VCC
1/2VCC
0.1VCC
Tr
Tf
VOH
VOL
t
T
0V
Symmetry = t/T × 100
[%]
Output Waveform <CMOS>
#1 Input
#3 Output
Level H (3.5 V ≤ VIH ≤ VCC)
or OPEN is selected.
Oscillation output ON
L level ( VIL ≤ 0.8 V ) is selected.
High impedance
Standby Function
● CMOS IC is directly driven.
● Product height : 1.0 mm. This is equivalent to height of slim IC
package(TSSOP, TVSOP).
● Current consumption during standby is 15 µA or less. (Max. 40MHz)
● Automatic mounting by taping and IR reflow (lead-free) are possible.
Features
Please specify the model name, frequency, and specification number when you order products.
For further questions regarding specifications, please feel free to contact us.


Similar Part No. - 2725N

ManufacturerPart #DatasheetDescription
logo
NIHON DEMPA KOGYO
2725N NDK-2725N Datasheet
857Kb / 1P
For notebook PC, mobile information terminal, and PC card
2725N NDK-2725N_18 Datasheet
857Kb / 1P
For notebook PC, mobile information terminal, and PC card
More results

Similar Description - 2725N

ManufacturerPart #DatasheetDescription
logo
NIHON DEMPA KOGYO
NZ2520SB NDK-NZ2520SB Datasheet
96Kb / 1P
Crystal Clock Oscillator
2725Z NDK-2725Z_15 Datasheet
805Kb / 1P
Crystal Clock Oscillator
NZ3225SJ NDK-NZ3225SJ Datasheet
731Kb / 1P
Crystal Clock Oscillator
logo
IQD Frequency Products ...
LFSPXO019928 IQD-LFSPXO019928 Datasheet
1,022Kb / 2P
Crystal Clock Oscillator
LFSPXO020088 IQD-LFSPXO020088 Datasheet
1,022Kb / 2P
Crystal Clock Oscillator
LFSPXO020184 IQD-LFSPXO020184 Datasheet
1,022Kb / 2P
Crystal Clock Oscillator
LFSPXO020465 IQD-LFSPXO020465 Datasheet
1,023Kb / 2P
Crystal Clock Oscillator
LFSPXO056218 IQD-LFSPXO056218 Datasheet
139Kb / 1P
Crystal Clock Oscillator
LFSPXO056220 IQD-LFSPXO056220 Datasheet
138Kb / 1P
Crystal Clock Oscillator
LFSPXO056245 IQD-LFSPXO056245 Datasheet
229Kb / 2P
Crystal Clock Oscillator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com