Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MA4AGSW1 Datasheet(PDF) 7 Page - M/A-COM Technology Solutions, Inc.

Part # MA4AGSW1
Description  SPST Reflective AlGaAs PIN Diode Switch RoHS Compliant
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4AGSW1 Datasheet(HTML) 7 Page - M/A-COM Technology Solutions, Inc.

  MA4AGSW1_13 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4AGSW1_13 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4AGSW1_13 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4AGSW1_13 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA4AGSW1_13 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MA4AGSW1_13 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MA4AGSW1_13 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or
information contained herein without notice.
SPST Reflective AlGaAs PIN Diode Switch
RoHS Compliant
M/A-COM Products
Rev. V3
MA4AGSW1
ADVANCED: Data Sheets contain information regarding a product M/A-COM is considering for
development. Performance is based on target specifications, simulated results, and/or prototype
measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM has under develop-
ment. Performance is based on engineering tests. Specifications are typical. Mechanical outline has
been fixed. Engineering samples and/or test data may be available. Commitment to produce in
volume is not guaranteed.
ASSEMBLY INSTRUCTIONS
CLEANLINESS
These chips should be handled in a clean environment.
STATIC SENSITIVITY
These Devices are considered ESD Class 0 HBM. Proper ESD techniques should be used when handling
these devices.
GENERAL HANDLING
The protective polymer coating on the active areas of the die provides scratch and impact protection,
particularly for the metal air bridge, which contacts the diode’s anode. Die should primarily be handled with
vacuum pickups, or alternatively with plastic tweezers.
ASSEMBLY TECHNIQUES
The MA4AGSW1, AlGaAs switch is designed to be mounted with electrically conductive silver epoxy or with a
low temperature solder, which does not have a rich tin content. All die attach and wire bonding methods
should be compatible with gold metal.
SOLDER DIE ATTACH
Solder which does not scavenge gold, such as 80/20, Au/Sn or Indalloy #2 is recommended. Do not expose
die to temperatures greater than 300°C for more than 10 seconds.
ELECTRICAL CONDUCTIVE EPOXY DIE ATTACH
Use a controlled thickness of approximately 2 mils for best electrical conductivity and lowest thermal
resistance. Cure epoxy per manufacturer
’s schedule. Typically 150°C for 1 hour.
RIBBON/WIRE BONDING
Thermo compression wedge or ball bonding may be used to attach ribbons or wire to the gold bonding pads.
A 1/4 x 3 mil gold ribbon is recommended on all RF ports and should be kept as short as possible for the
lowest inductance and best microwave performance.
Ordering Information
Part Number
Package
MA4AGSW1
Waffle Pack



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com