Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MA4AGSW3 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MA4AGSW3
Description  SP3T AlGaAs PIN Diode Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4AGSW3 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MA4AGSW3_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4AGSW3_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4AGSW3_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4AGSW3_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA4AGSW3_15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MA4AGSW3_15 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MA4AGSW3_15 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MA4AGSW3_15 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SP3T AlGaAs PIN Diode Switch
Rev. V7
MA4AGSW3
3
3
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
3
Typical R.F. Performance (Probed on Wafer) @ +25°C
INSERTION LOSS @ -10 mA
-1
-0.8
-0.6
-0.4
-0.2
0
0.00
10.00
20.00
30.00
40.00
50.00
FREQUENCY ( GHz )
J2
J3
J4
ISOLATION @ +10 mA
-80
-70
-60
-50
-40
-30
-20
-10
0
0.00
10.00
20.00
30.00
40.00
50.00
FREQUENCY ( GHz )
J2
J3
J4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com