Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PI6CFGL201BZDIE Datasheet(PDF) 13 Page - Pericom Semiconductor Corporation

Part # PI6CFGL201BZDIE
Description  2-Output Low Power PCIE Gen 1-2-3 Clock Generator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6CFGL201BZDIE Datasheet(HTML) 13 Page - Pericom Semiconductor Corporation

Back Button PI6CFGL201BZDIE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6CFGL201BZDIE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6CFGL201BZDIE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6CFGL201BZDIE Datasheet HTML 9Page - Pericom Semiconductor Corporation PI6CFGL201BZDIE Datasheet HTML 10Page - Pericom Semiconductor Corporation PI6CFGL201BZDIE Datasheet HTML 11Page - Pericom Semiconductor Corporation PI6CFGL201BZDIE Datasheet HTML 12Page - Pericom Semiconductor Corporation PI6CFGL201BZDIE Datasheet HTML 13Page - Pericom Semiconductor Corporation PI6CFGL201BZDIE Datasheet HTML 14Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
13
www.pericom.com
PI6CFGL201B
RevB
03/16/16
All trademarks are property of their respective owners.
PI6CFGL201B
2-Output Low Power PCIE Gen 1-2-3 Clock Generator
C1
27pF
Crystal�(C
L�=�18pF)
C2
27pF
XTAL_IN
XTAL_OUT
SaRonix-eCera
FL2500047
Application Notes
Crystal circuit connection
The following diagram shows crystal circuit connection with a parallel crystal. For the CL=18pF crystal, it is suggested to use C1=
27pF, C2= 27pF. C1 and C2 can be adjusted to fine tune to the target ppm of crystal oscillator according to different board layouts.
Crystal Oscillator Circuit
X1
X2
Cb
C1
C2
Cj
Rd
Rf
Cb
Pseudo
sine
Cj
CL= crystal spec. loading cap.
Cj = chip in/output cap. (3~5pF)
Cb = PCB trace/via cap. (2~4pF)
C1,2 = load cap. components
Rd = drive level res. (100Ω)
ASIC
Final choose/trim C1=C2=2 *CL - (Cb +Cj) for the target +/-ppm
Example: C1=C2=2*(18pF) – (4pF+5pF)=27pF
Thermal Characteristics
Symbol
Parameters
Min.
Type
Max.
Units
θJA
Thermal Resistance Junction to Ambient
54.4
o
C/W
θJC
Thermal Resistance Junction to Case
40.8
o
C/W
15-0134



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com