Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADC0841 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC0841
Description  8-Bit P Compatible A/D Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC0841 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  ADC0841 Datasheet HTML 1Page - National Semiconductor (TI) ADC0841 Datasheet HTML 2Page - National Semiconductor (TI) ADC0841 Datasheet HTML 3Page - National Semiconductor (TI) ADC0841 Datasheet HTML 4Page - National Semiconductor (TI) ADC0841 Datasheet HTML 5Page - National Semiconductor (TI) ADC0841 Datasheet HTML 6Page - National Semiconductor (TI) ADC0841 Datasheet HTML 7Page - National Semiconductor (TI) ADC0841 Datasheet HTML 8Page - National Semiconductor (TI) ADC0841 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Absolute Maximum Ratings (Notes 1, 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
CC)
6.5V
Voltage
Logic Control Inputs
−0.3V to V
CC+0.3V
At Other Inputs and Outputs
−0.3V to V
CC+0.3V
Input Current Per Pin (Note 3)
±5mA
Input Current Per Package (Note 3)
±20 mA
Storage Temperature
−65˚C to +150˚C
Package Dissipation at T
A=25˚C
875 mW
Lead Temp. (Soldering, 10 seconds)
Dual-In-Line Package (Plastic)
Molded Chip Carrier Package
Vapor Phase (60 seconds)
Infrared (15 seconds)
260˚C
215˚C
220˚C
ESD Susceptibility (Note 10)
800V
Operating Conditions (Notes 1, 2)
Supply Voltage (V
CC)
4.5 V
DC to 6.0 VDC
Temperature Range
T
MIN≤TA≤TMAX
ADC0841BCN, ADC0841CCN
0˚C
≤T
A≤70˚C
ADC0841BCV, ADC0841CCV
−40˚C
≤T
A≤85˚C
Electrical Characteristics
The following specifications apply for V
CC=5VDC unless otherwise specified. Boldface limits apply from TMIN to TMAX; all
other limits T
A=Tj=25˚C.
ADC0841BCN, ADC0841CCN
ADC0841BCV, ADC0841CCV
Parameter
Conditions
Typ
Tested
Design
Units
(Note 6)
Limit
Limit
(Note 7)
(Note 8)
CONVERTER AND MULTIPLEXER CHARACTERISTICS
Maximum Total
V
REF=5.00 VDC
Unadjusted Error
(Note 4)
ADC0841BCN, BCV
±1⁄2
±1⁄2
LSB
ADC0841CCN, CCV
±1
±1
LSB
Minimum Reference
2.4
1.2
1.1
k
Ω
Input Resistance
Maximum Reference
2.4
5.4
5.9
k
Ω
Input Resistance
Maximum Common-Mode
(Note 5)
V
CC+0.05
V
CC+0.05
V
Input Voltage
Minimum Common-Mode
(Note 5)
GND−0.05
GND−0.05
V
Input Voltage
DC Common-Mode Error
Differential Mode
±1/16
±1⁄4
±1⁄4
LSB
Power Supply Sensitivity
V
CC=5V±5%
±1/16
±1⁄8
±1⁄8
LSB
Electrical Characteristics
The following specifications apply for V
CC=5VDC unless otherwise specified. Boldface limits apply from TMIN to TMAX; all
other limits T
A=Tj=25˚C.
ADC0841BCN, ADC0841CCN
ADC0841BCV, ADC0841CCV
Symbol
Parameter
Conditions
Typ
Tested
Design
Units
(Note 6)
Limit
Limit
(Note 7)
(Note 8)
DIGITAL AND DC CHARACTERISTICS
V
IN(1)
Logical “1” Input
V
CC=5.25V
2.0
2.0
V
Voltage (Min)
V
IN(0)
Logical “0” Input
V
CC=4.75V
0.8
0.8
V
Voltage (Max)
I
IN(1)
Logical “1” Input
V
IN=5.0V
0.005
1
µA
Current (Max)
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com