Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MASWSS0176 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MASWSS0176
Description  GaAs SPDT Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASWSS0176 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MASWSS0176 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASWSS0176 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASWSS0176 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASWSS0176 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GaAs SPDT Switch
0.05 - 3 GHz
Rev. V1
MASWSS0176
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
Features
 Low Insertion Loss: 0.35 dB @ 2.4 GHz
 Moderate Isolation: 21 dB @ 2.4 GHz
 Low Current Consumption: 5 µA @ 2.5 V
 Lead-Free SOT-26 Package
 100% Matte Tin Plating over Copper
 Halogen-Free “Green” Mold Compound
 260°C Reflow Compatible
 RoHS* Compliant Version of MASWSS0005
Description
M/A-COM’s MASWSS0176 is a GaAs PHEMT
MMIC single pole, double throw (SPDT) switch in a
low cost, lead-free SOT-26 surface mount plastic
package. The MASWSS0176 is ideally suited for
applications where small size and low cost are
required.
Typical applications are dual band systems which
require switching between small signal components
such as filter banks, single-band LNAs, converters,
etc. This part can be used for low power, low loss
requirements in all systems operating up to 3 GHz,
including PCS, GSM, DCS, Satellite Radio, Blue
Tooth, and other receive chain applications.
The MASWSS0176 is fabricated using a 0.5 micron
gate length GaAs PHEMT process. The process
features full passivation for performance and
reliability.
Pin Configuration
Pin No.
Function
Description
1
RF1
RF Port 1
2
GND
Ground
3
RF2
RF Port 2
4
V2
Control 2
5
RFC
RF Input
6
V1
Control 1
Functional Schematic
Ordering Information 1
Part Number
Package
MASWSS0176
Bulk Packaging
MASWSS0176TR-3000
3000 piece reel
MASWSS0176SMB
Sample Board
1. Reference Application Note M513 for reel size information.
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
RF1
GND
RF2
V1
RFC
V2
PIN 1
C=39pF
C=39pF
C=39pF
Absolute Maximum Ratings 2,3
Parameter
Absolute Maximum
Input Power @ 2.5 V Control
+26 dBm
Operating Voltage
+8.5 V
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
2. Exceeding any one or combination of these limits may cause
permanent damage to this device.
3. M/A-COM does not recommend sustained operation near
these survivability limits.


Similar Part No. - MASWSS0176

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0176 MACOM-MASWSS0176 Datasheet
182Kb / 3P
GaAs SPDT Switch 0.05 - 3 GHz
logo
M/A-COM Technology Solu...
MASWSS0176 MA-COM-MASWSS0176 Datasheet
75Kb / 3P
GaAs SPDT Switch 0.05 - 3 GHz
MASWSS0176 MA-COM-MASWSS0176 Datasheet
75Kb / 3P
GaAs SPDT Switch 0.05 - 3 GHz
logo
Tyco Electronics
MASWSS0176SMB MACOM-MASWSS0176SMB Datasheet
182Kb / 3P
GaAs SPDT Switch 0.05 - 3 GHz
logo
M/A-COM Technology Solu...
MASWSS0176SMB MA-COM-MASWSS0176SMB Datasheet
75Kb / 3P
GaAs SPDT Switch 0.05 - 3 GHz
More results

Similar Description - MASWSS0176

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW-008322_V3 MA-COM-MASW-008322_V3 Datasheet
164Kb / 4P
GaAs SPDT Switch
SW-456_V5 MA-COM-SW-456_V5 Datasheet
83Kb / 4P
GaAs SPDT Switch
MASW4030G MA-COM-MASW4030G Datasheet
75Kb / 4P
GaAs SPDT Switch
MASW-007221 MA-COM-MASW-007221 Datasheet
78Kb / 3P
GaAs SPDT Switch
MASW-008075 MA-COM-MASW-008075 Datasheet
105Kb / 3P
GaAs SPDT Switch
MASW-008322-V3 MA-COM-MASW-008322-V3 Datasheet
164Kb / 4P
GaAs SPDT Switch
MASW-008899 MA-COM-MASW-008899 Datasheet
148Kb / 4P
GaAs SPDT Switch
MASW-008322 MA-COM-MASW-008322 Datasheet
633Kb / 5P
GaAs SPDT Switch
MASWSS0136 MA-COM-MASWSS0136_15 Datasheet
596Kb / 4P
GaAs SPDT Switch
MASWSS0157 MA-COM-MASWSS0157_15 Datasheet
615Kb / 5P
GaAs SPDT Switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com