Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MASWSS0107SMB Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MASWSS0107SMB
Description  GaAs Broadband DPDT Diversity Switch 1.0 - 6.0 GHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASWSS0107SMB Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MASWSS0107SMB Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASWSS0107SMB Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASWSS0107SMB Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASWSS0107SMB Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASWSS0107SMB Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
GaAs Broadband DPDT Diversity Switch
1.0 - 6.0 GHz
Rev. V1
MASWSS0107
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
Functional Schematic
2. The exposed pad centered on the package bottom must be
connected to RF and DC ground.
Features
 802.11a + b/g Broadband Applications
 Broadband Performance: 1.0 - 6.0 GHz
 Low Insertion Loss: 1.0 dB @ 2.4 GHz
1.2 dB @ 6.0 GHz
 High Isolation:
38 dB @ 2.4 GHz
31 dB @ 6.0 GHz
 Fast Switching Speed: 0.5 µm GaAs PHEMT
 Lead-Free 3 mm 12-Lead PQFN Package
 100% Matte Tin Plating over Copper
 Halogen-Free “Green” Mold Compound
 RoHS* Compliant and 260°C Reflow Compatible
Description
M/A-COM’s MASWSS0107 is a broadband GaAs
PHEMT MMIC diversity switch in a low cost, lead-
free 3 mm 12-lead PQFN package.
The
MASWSS0107 is ideally suited for applications
where very small size and low cost are required.
Typical applications are for WLAN IEEE 802.11a
and 802.11b/g systems that employ two antennas
for transmit and receive diversity. Other applications
include cordless phones and base stations.Designed
for high power, this DPDT switch maintains high
linearity up to 6.0 GHz.
The MASWSS0107 can be controlled with either two
or four control signals.
With four control signals
each of the four insertion paths can be controlled
individually.
To control the switch with only two
signals, tie pairs of control lines together.
The MASWSS0107 is fabricated using a 0.5 micron
gate length GaAs PHEMT process. The process
features full passivation for performance and
reliability.
GND
GND
Vc3
Vc2
Vc1
Vc4
GND
GND
Vc3
Vc2
Vc1
Vc4
Pin No.
Pin Name
Description
1
Vc4
Control 4
2
GND
Ground
3
VC1
Control 1
4
ANT1
Antenna Port 1
5
GND
Ground
6
ANT2
Antenna Port 2
7
Vc2
Control 2
8
GND
Ground
9
Vc3
Control 3
10
Rx
Receive Port
11
GND
Ground
12
Tx
Transmit Port
13
Paddle2
DC and RF Ground
Pin Configuration
Ordering Information 1
Part Number
Package
MASWSS0107TR-3000
3000 piece reel
MASWSS0107SMB
Sample Test Board
(Includes 5 Samples)
1. Reference Application Note M513 for reel size information.
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.


Similar Part No. - MASWSS0107SMB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0107SMB MACOM-MASWSS0107SMB Datasheet
185Kb / 4P
GaAs Broadband DPDT Diversity Switch 1.0 - 6.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0107SMB MA-COM-MASWSS0107SMB Datasheet
76Kb / 4P
GaAs Broadband DPDT Diversity Switch 1.0 - 6.0 GHz
More results

Similar Description - MASWSS0107SMB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0190 MACOM-MASWSS0190 Datasheet
148Kb / 4P
GaAs Broadband DPDT Diversity Switch 2.0 - 6.0 GHz
MASWSS0094 MACOM-MASWSS0094 Datasheet
141Kb / 5P
GaAs Broadband DPDT Diversity Switch DC - 6.0 GHz
MASW-007656 MACOM-MASW-007656 Datasheet
142Kb / 6P
GaAs Broadband DPDT Diversity Switch DC - 6.0 GHz
MASWSS0107 MACOM-MASWSS0107 Datasheet
185Kb / 4P
GaAs Broadband DPDT Diversity Switch 1.0 - 6.0 GHz
MASWSS0129 MACOM-MASWSS0129 Datasheet
125Kb / 4P
GaAs Broadband DPDT Diversity Switch DC - 6.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0190 MA-COM-MASWSS0190 Datasheet
120Kb / 4P
GaAs Broadband DPDT Diversity Switch 2.0 - 6.0 GHz
MASWSS0094 MA-COM-MASWSS0094 Datasheet
119Kb / 5P
GaAs Broadband DPDT Diversity Switch DC - 6.0 GHz
MASWSS0107 MA-COM-MASWSS0107 Datasheet
76Kb / 4P
GaAs Broadband DPDT Diversity Switch 1.0 - 6.0 GHz
MASWSS0129 MA-COM-MASWSS0129 Datasheet
104Kb / 4P
GaAs Broadband DPDT Diversity Switch DC - 6.0 GHz
MASWSS0190 MA-COM-MASWSS0190 Datasheet
120Kb / 4P
GaAs Broadband DPDT Diversity Switch 2.0 - 6.0 GHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com