Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MASWSS0192 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MASWSS0192
Description  GaAs SPDT Switch DC - 3.0 GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASWSS0192 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MASWSS0192 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASWSS0192 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASWSS0192 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASWSS0192 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
GaAs SPDT Switch
DC - 3.0 GHz
Rev. V1
MASWSS0192
2
2
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
2
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Insertion Loss 6
DC - 1.0 GHz
DC - 3.0 GHz
dB
dB
0.18
0.35
0.40
0.60
Isolation
DC - 1.0 GHz
DC - 3.0 GHz
dB
dB
20.0
9.5
24.0
13.5
VSWR
DC - 1.0 GHz
DC - 3.0 GHz
Ratio
Ratio
1.1:1
1.2:1
IP2
1 GHz, Two Tone, +7 dBm / tone, 20 MHz Spacing, 3 V
dBm
93
IP3
1 GHz, Two Tone, +7 dBm / tone, 20 MHz Spacing, 3 V
dBm
53
P1dB
VC = 0.2 V / 2.7 V
VC = 0.2 V / 3.0 V
dBm
dBm
27.5
28.5
Trise, Tfall
10% to 90% RF and 90% to 10% RF
nS
22
Ton, Toff
50% control to 90% RF, 50% control to 10% RF
nS
5
Transients
In-band
mV
36
Control Current
µA
0.20
5
RON
t > 90 mS after OFF to ON Switching (settled)
Ω
2.50
4.7
Gate Lag
|ΔRon| between 15 µS and 90 mS after OFF to ON Switching
Ω
0.15
0.7
Electrical Specifications: TA = 25°C, VC = 0 V / 2.5 V
4, PIN = +10 dBm, Z0 = 50  5
4.
Alternate voltage operation of VC = 0 V / 5 V or -5 V / 0 V will yield similar insertion loss, isolation, VSWR, switching, RON, and gate lag
results.
5.
For positive voltage control, external DC blocking capacitors are required on all RF ports.
6.
Insertion loss can be optimized by varying the DC blocking capacitor value, e.g. 1000 pF for 100 MHz - 1 GHz, 39 pF for 0.5 - 3 GHz.
Qualification
Qualified to M/A-COM specification REL-201,
Process Flow –2.
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.
Truth Table 7,8
Control
V1
Control
V2
RFC-RF1
RFC-RF2
1
0
On
Off
0
1
Off
On
7.
Differential voltage, V (state 1) - V (state 0), must be 2.5 V
minimum, but must not exceed 8.5 V.
8.
0 = 0 V to 0.5 V; 1 = 2.5 V to 5 V or
0 = -5 V to -2.5 V, 1 = -0.5 to 0 V.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com