Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PN4217 Datasheet(PDF) 3 Page - Mallory performance club

Part # PN4217
Description  MSD Single Cylinder Programmable Ignition
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

PN4217 Datasheet(HTML) 3 Page - Mallory performance club

  PN4217 Datasheet HTML 1Page - Mallory performance club PN4217 Datasheet HTML 2Page - Mallory performance club PN4217 Datasheet HTML 3Page - Mallory performance club PN4217 Datasheet HTML 4Page - Mallory performance club PN4217 Datasheet HTML 5Page - Mallory performance club PN4217 Datasheet HTML 6Page - Mallory performance club PN4217 Datasheet HTML 7Page - Mallory performance club PN4217 Datasheet HTML 8Page - Mallory performance club  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
INSTALLATIONINSTRUCTIONS
3
MSD POWERSPORTS • WWW.MSDPOWERSPORTS.COM • (915) 858-3365 • FAX (915) 858-3496
WIRING
GroupAconnectors:
ORANGE
Connects to Coil positive (+)
BROWN/ORANGE Connects to Coil negative (-)
VIOLET
On/Off, connect to switched +12 volts
BLACK
Ground, connect to battery negative or crankcase ground
RED
Connect to battery positive, 12 volts
GroupBconnectors:
BLUE
Launch RPM Limit, the launch rpm is active when connected to ground
TRIGGERPICKUPS
GREEN
Magnetic pickup negative
VIOLET
Magnetic pickup positive
See Figure 3 on page 4 for information about pickup polarity.
Note: The mag pickup wires are never connected when the White wire is used. And vice-versa.
WHITE
Hall Effect trigger input or kill switch to ground
BROWN/WHITE
Timing Curve B Select. When connected to ground, Timing Curve B is active
THROTTLEPOSITIONWIRING
YELLOW
TPS input signal
BLACK
TPS ground
RED
TPS +5 volt signal output
LED
An LED indicator will be On when there is valid trigger input and can be used
as a static ignition timing indicator with the Hall Effect pickup input
TACH IN
This allows for the different type input signals such as Hall-effect or magnetic pickup such as an MSD type
trigger.
TachInput:RawHallorMSDHall: The white wire connects to an MSD Hall-effect pickup.
TachInMag: The Green and Violet 2-pin harness is used.
TwoTabs: For use on engines such as the CRF450R with a dual tab flywheel and trigger design.
REV LIMITS
There are two rev limits to program with the PN 4217. One for overrev protection and another limit to use
for the launch. Both are adjustable from 1,000 – 16,000 rpm.
LaunchRPM: This provides you with second rpm limit that is activated when the Blue wire is connected
to ground. Once removed from ground, the Max limit is active.
MaxRPM: This is the overrev rpm limit. It will keep the engine from overreving due to a missed gear or
driveline failure.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com