Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADC12062CIVF Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC12062CIVF
Description  12-Bit, 1 MHz, 75 mW A/D Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12062CIVF Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button ADC12062CIVF Datasheet HTML 2Page - National Semiconductor (TI) ADC12062CIVF Datasheet HTML 3Page - National Semiconductor (TI) ADC12062CIVF Datasheet HTML 4Page - National Semiconductor (TI) ADC12062CIVF Datasheet HTML 5Page - National Semiconductor (TI) ADC12062CIVF Datasheet HTML 6Page - National Semiconductor (TI) ADC12062CIVF Datasheet HTML 7Page - National Semiconductor (TI) ADC12062CIVF Datasheet HTML 8Page - National Semiconductor (TI) ADC12062CIVF Datasheet HTML 9Page - National Semiconductor (TI) ADC12062CIVF Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Typical Performance Characteristics
Reference Voltage
Error Change vs
Offset and Fullscale
vs Reference Voltage
Linearity Error Change
Input Voltage
Mux ON Resistance vs
vs Temperature
Digital Supply Current
vs Temperature
Analog Supply Current
on Digital Input Pins
Standby Mode vs Voltage
Current Consumption in
vs Temperature
Conversion Time (tCONV)
vs Temperature
EOC Delay Time (tEOC)
Spectral Response
(ADC IN)
SINAD vs Input Frequency
(ADC IN)
SNR vs Input Frequency
(ADC IN)
THD vs Input Frequency
TLH11490 – 27
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com