| Electronic Components Datasheet Search |
|
TM21P-88P Datasheet(PDF) 4 Page - Hirose Electric |
|
|
|||||||||||||||||||||||||||||
TM21P-88P Datasheet(HTML) 4 Page - Hirose Electric |
|
4 / 8 page ![]() 4 BCover installed BApplicable Shielded Cable Specifications BMated with corresponding receptacle (shown for reference only) Note: For cable termination procedures refer to: [TM21P-88P Cable Termination Procedure Manual] (ETA-E2349) and [TM21CP-88P Cable termination Procedure Manual] (ETA-E2353). Some cables may not meet the required service ratings. Contact Hirose sales representative for specific cable applications recommendations. sPlug Connectors Note: For other colors contact Hirose sales representative. Cover Contact No.8 Contact No.1 Conductor holding tray 30.2 17.5 6.7 17.2 9.05 5.4 (13.4 ) (32.35) (21.7) Part Number CL No. TM21CP-88P(03) Cover color Black 222-2884-1-03 Specifications Solid copper conductor: 0.5mm dia. Stranded copper conductor: AWG#24 (Dia. 0.2mm x 7 pcs) (0.9mm to 1.0mm) AWG#26 (tin coated) (dia. 6.6mm) Conductor Individual conductor insulation dia. Drain wire Overall jacket dia. qShielded-Short Cover Jacket Shield Conductor Insulation Drain wire |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |