Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CD4148WSN Datasheet(PDF) 3 Page - Nanjing International Group Co

Part # CD4148WSN
Description  Switching Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

CD4148WSN Datasheet(HTML) 3 Page - Nanjing International Group Co

  CD4148WSN Datasheet HTML 1Page - Nanjing International Group Co CD4148WSN Datasheet HTML 2Page - Nanjing International Group Co CD4148WSN Datasheet HTML 3Page - Nanjing International Group Co CD4148WSN Datasheet HTML 4Page - Nanjing International Group Co CD4148WSN Datasheet HTML 5Page - Nanjing International Group Co CD4148WSN Datasheet HTML 6Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
CD4148WSN
Figure 3. Forward Current De-rating
Figure 4. Reverse Voltage De-rating
0
100
200
300
400
500
0
20
40
60
80
100 120 140 160 180 200
Tamb-Ambient Temperature/oC
0
20
40
60
80
100
120
140
160
180
200
0
10 20 30 40 50 60 70 80 90 100 110 120 130 140 150
Tamb-Ambient Temperature/oC
TEST CHARACTERISTICS
Test Item
Test Condition
Requirement
Solderability
Sn bath at 245±5oC for 2±0.5s
>95% area tin covered
Resistance to Soldering Heat
Sn bath at 260±5oC for 10±2s
VF,VR & IR within spec;
no mechanical damage
Humidity Steady State
At 85oC 85%RH for 168hrs
VF,VR & IR within spec
Continue Forward Operating Life
At 25oC IF =1.1IF for 1000hrs
VF,VR & IR within spec
Thermal Shock
-55 ±5oC/5min to 150±5oC/5min
for 10cycles
VF,VR & IR within spec
Bending Strength
Bending up to 2mm for 1cycle
VF,VR & IR within spec;
no mechanical damage



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com