Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LF205P Datasheet(PDF) 2 Page - LEM

Part # LF205P
Description  Current Transducer LF 205-P/SP1
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

LF205P Datasheet(HTML) 2 Page - LEM

  LF205P Datasheet HTML 1Page - LEM LF205P Datasheet HTML 2Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Remarks
I
S is positive when IP flows in the direction of the arrow.
Temperature of the primary conductor should not exceed
100°C.
Dynamic performances (di/dt and response time) are best
with a single bar completely filling the primary hole.
Mounting clips molded into the transducer housing, attach to
printed circuit board 1.6mm thick.
Mechanical characteristics
General tolerance
± 0.2 mm
Fastening & secondary connection 3 pins 0.63x0.56 mm
Recommanded PCB hole
∅ 0.9 mm
Primary through-hole
∅ 15.5 mm
Supplementary fastening
2 holes
∅ 1.75 mm
Recommended PCB hole
2.4 mm
Recommended screws
KA22 x 6
LEM code
47.30.60.006.0
Dimensions LF 205-P/SP1 (in mm. 1 mm = 0.0394 inch)
Bottom view
Top view
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without previous notice.
Front view
Back view
Left view
Recommended dimensions
for mounting holes when
using the mounting clips.
Secondary terminals
Terminal +
: supply voltage + 12 .. 15 V
Terminal M : measure
Terminal -
: supply voltage - 12 .. 15 V
Connection



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com