Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

2SB985 Datasheet(PDF) 1 Page - Nanjing International Group Co

Part # 2SB985
Description  TO-92MOD Plastic-Encapsulate Transistors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

2SB985 Datasheet(HTML) 1 Page - Nanjing International Group Co

  2SB985 Datasheet HTML 1Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TO-92MOD Plastic-Encapsulate Transistors
2SB985
TRANSISTOR (PNP)
FEATURES
Power
Supplies, Relay Drivers, Lamp Drivers
Adoption of FBET,MBIT
Processes
Low
Saturation Voltage
Large
Current Capacity and Wide ASO
MAXIMUM RATINGS (Ta=25℃ unless otherwise noted)
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
-60
V
VCEO
Collector-Emitter Voltage
-50
V
VEBO
Emitter-Base Voltage
-6
V
IC
Collector Current -Continuous
-3
A
PC
Collector Power Dissipation
0.9
W
TJ
Junction Temperature
150
Tstg
Storage Temperature
-55-150
ELECTRICAL CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC=-10μA, IE=0
-60
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=-1mA, IB=0
-50
V
Emitter-base breakdown voltage
V(BR)EBO
IE=-10μA, IC=0
-6
V
Collector cut-off current
ICBO
VCB=-40V, IE=0
-1
μA
Emitter cut-off current
IEBO
VEB=-4V, IC=0
-1
μA
hFE(1)
VCE=-2V, IC=-100mA
100
560
DC current gain
hFE(2)
VCE=-2V, IC=-3A
40
Collector-emitter saturation voltage
VCE(sat)
IC=-2A, IB=-100mA
-0.7
V
Base-emitter saturation voltage
VBE(sat)
IC=-2A, IB=-100mA
-1.2
V
Transition frequency
fT
VCE=-10V, IC=-50mA
150
MHz
Collector output capacitance
Cob
VCB=-10V, IE=0, f=1MHz
39
pF
CLASSIFICATION OF
hFE(1)
Rank
R
S
T
U
Range
100-200
140-280
200-400
280-560
TO-92MOD
1. EMITTER
2. COLLECTOR
3. BASE


Similar Part No. - 2SB985

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SB985 SANYO-2SB985 Datasheet
96Kb / 3P
Large-Current Driving Applications
logo
TRANSYS Electronics Lim...
2SB985 TEL-2SB985 Datasheet
61Kb / 1P
Plastic-Encapsulated Transistors
logo
Weitron Technology
2SB985 WEITRON-2SB985 Datasheet
214Kb / 5P
PNP General Purpose Transistors
logo
SHENZHEN YONGERJIA INDU...
2SB985 WINNERJOIN-2SB985 Datasheet
132Kb / 1P
TRANSISTOR (PNP)
logo
Foshan Blue Rocket Elec...
2SB985 FOSHAN-2SB985 Datasheet
677Kb / 6P
Silicon PNP transistor in a TO-92LM Plastic Package
More results

Similar Description - 2SB985

ManufacturerPart #DatasheetDescription
logo
Avic Technology
AV966 AVICTEK-AV966 Datasheet
424Kb / 3P
TO-92MOD Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SA965 JIANGSU-2SA965 Datasheet
4Mb / 4P
TO-92MOD Plastic-Encapsulate Transistors
2SB740 JIANGSU-2SB740 Datasheet
3Mb / 3P
TO-92MOD Plastic-Encapsulate Transistors
2SB927 JIANGSU-2SB927 Datasheet
2Mb / 3P
TO-92MOD Plastic-Encapsulate Transistors
2SB985 JIANGSU-2SB985 Datasheet
3Mb / 5P
TO-92MOD Plastic-Encapsulate Transistors
2SC1627A JIANGSU-2SC1627A Datasheet
6Mb / 4P
TO-92MOD Plastic-Encapsulate Transistors
2SC2230 JIANGSU-2SC2230 Datasheet
3Mb / 3P
TO-92MOD Plastic-Encapsulate Transistors
3CG751 JIANGSU-3CG751 Datasheet
3Mb / 3P
TO-92MOD Plastic-Encapsulate Transistors
KSA931 JIANGSU-KSA931 Datasheet
3Mb / 3P
TO-92MOD Plastic-Encapsulate Transistors
KSC2316 JIANGSU-KSC2316 Datasheet
3Mb / 3P
TO-92MOD Plastic-Encapsulate Transistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com