Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RV-8564 Datasheet(PDF) 26 Page - MICORO CRYSTAL SWITZERLAND

Part # RV-8564
Description  I2C-Bus Interface Real Time Clock
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCRYSTAL [MICORO CRYSTAL SWITZERLAND]
Direct Link  http://www.microcrystal.com
Logo MICROCRYSTAL - MICORO CRYSTAL SWITZERLAND

RV-8564 Datasheet(HTML) 26 Page - MICORO CRYSTAL SWITZERLAND

Back Button RV-8564 Datasheet HTML 22Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 23Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 24Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 25Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 26Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 27Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 28Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 29Page - MICORO CRYSTAL SWITZERLAND RV-8564 Datasheet HTML 30Page - MICORO CRYSTAL SWITZERLAND Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 40 page
background image
Micro Crystal
Real Time Clock / Calendar Module
RV-8564
26/40
11.I
2C BUS PROTOCOL
11.1.ADDRESSING
Before any data is transmitted on the I
2C bus, the device which should respond is addressed first. The addressing
is always carried out with the first byte transmitted after the start procedure.
The RV-8564 acts as a Slave-Receiver or Slave-Transmitter. Therefore, the clock signal SCL is only an input
signal, but the data signal SDA is a bidirectional line.
RV-8564
Slave Address
11.2.CLOCK AND CALENDAR READ AND WRITE CYCLES
11.2.1. WRITE MODE
Master transmits to Slave-Receiver at specified address. The Word Address is 4-bit value that defines which
register is to be accessed next. The upper four bits of the Word Address are not used. After reading or writing one
byte, the Word Address is automatically incremented by 1.
1) Master sends out the “Start Condition”.
2) Master sends out the “Slave Address”, A2h for the RV-8564; the R/ W bit in write mode.
3) Acknowledgement from the RV-8564.
4) Master sends out the “Word Address” to the RV-8564.
5) Acknowledgement from the RV-8564.
6) Master sends out the “data” to write to the specified address in step 4).
7) Acknowledgement from the RV-8564.
8) Steps 6) and 7) can be repeated if necessary. The address will be incremented automatically in the RV-8564.
9) Master sends out the “Stop Condition”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com