Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HCI70R700T Datasheet(PDF) 1 Page - SemiHow Co.,Ltd.

Part # HCI70R700T
Description  Extremely low switching loss
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

HCI70R700T Datasheet(HTML) 1 Page - SemiHow Co.,Ltd.

  HCI70R700T Datasheet HTML 1Page - SemiHow Co.,Ltd. HCI70R700T Datasheet HTML 2Page - SemiHow Co.,Ltd. HCI70R700T Datasheet HTML 3Page - SemiHow Co.,Ltd. HCI70R700T Datasheet HTML 4Page - SemiHow Co.,Ltd. HCI70R700T Datasheet HTML 5Page - SemiHow Co.,Ltd. HCI70R700T Datasheet HTML 6Page - SemiHow Co.,Ltd. HCI70R700T Datasheet HTML 7Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Very Low FOM (R
DS(on) XQg)
Extremely low switching loss
Excellent stability and uniformity
100% Avalanche Tested
I2-PAK
Parameter
Value
Unit
BVDSS @Tj,max
750
V
ID
6A
RDS(on), max
0.7
Qg,Typ
14
nC
Key Parameters
Package & Internal Circuit
HCI70R700T
700V N-Channel Super Junction MOSFET
Features
Application
Switch Mode Power Supply (SMPS)
Uninterruptible Power Supply (UPS)
Power Factor Correction (PFC)
TV power & LED Lighting Power
Thermal Resistance Characteristics
Symbol
Parameter
Typ.
Max.
Units
R
JC
Junction-to-Case
--
2.5
/W
R
JA
Junction-to-Ambient
--
62.5
Symbol
Parameter
Value
Units
V
DSS
Drain-Source Voltage
700
V
V
GS
Gate-Source Voltage
30
V
I
D
Drain Current
– Continuous (T
C = 25
)
6.0
A
Drain Current
– Continuous (T
C = 100
)
3.8
A
I
DM
Drain Current
– Pulsed
(Note 1)
18
A
E
AS
Single Pulsed Avalanche Energy
(Note 2)
155
mJ
P
D
Power Dissipation (T
C = 25
)
50
W
T
J, TSTG
Operating and Storage Temperature Range
-55 to +150
T
L
Maximum lead temperature for soldering purposes,
1/8” from case for 5 seconds
300
Absolute Maximum Ratings
T
C=25
unless otherwise specified
Dec 2015
D
G
S


Similar Part No. - HCI70R700T

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
HCI-37 PULSE-HCI-37 Datasheet
181Kb / 2P
Fifteen package sizes
HCI-37 PULSE-HCI-37 Datasheet
181Kb / 2P
SMT POWER INDUCTORS
HCI-37 PULSE-HCI-37 Datasheet
181Kb / 2P
SMT POWER INDUCTORS
HCI-44 PULSE-HCI-44 Datasheet
181Kb / 2P
Fifteen package sizes
HCI-44 PULSE-HCI-44 Datasheet
181Kb / 2P
SMT POWER INDUCTORS
More results

Similar Description - HCI70R700T

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HCS65R160T SEMIHOW-HCS65R160T Datasheet
286Kb / 7P
Extremely low switching loss
HCS65R220E SEMIHOW-HCS65R220E Datasheet
249Kb / 7P
Extremely low switching loss
HCS70R700T SEMIHOW-HCS70R700T Datasheet
203Kb / 7P
Extremely low switching loss
HCS70R950T SEMIHOW-HCS70R950T Datasheet
214Kb / 7P
Extremely low switching loss
HCA60R150T SEMIHOW-HCA60R150T Datasheet
287Kb / 7P
Extremely low switching loss
HCD65R380T SEMIHOW-HCD65R380T Datasheet
295Kb / 8P
Extremely low switching loss
HCD65R600T SEMIHOW-HCD65R600T Datasheet
300Kb / 8P
Extremely low switching loss
HCD70R950T SEMIHOW-HCD70R950T Datasheet
396Kb / 9P
Extremely low switching loss
HCP60R150T SEMIHOW-HCP60R150T Datasheet
257Kb / 7P
Extremely low switching loss
HCS60R350T SEMIHOW-HCS60R350T Datasheet
204Kb / 7P
Extremely low switching loss
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com