Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

KBPC2510 Datasheet(PDF) 1 Page - Olitech Electronics Co.Ltd

Part # KBPC2510
Description  SILICON BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OLITECH [Olitech Electronics Co.Ltd]
Direct Link  http://olitech-elec.com/En_index.asp
Logo OLITECH - Olitech Electronics Co.Ltd

KBPC2510 Datasheet(HTML) 1 Page - Olitech Electronics Co.Ltd

  KBPC2510 Datasheet HTML 1Page - Olitech Electronics Co.Ltd KBPC2510 Datasheet HTML 2Page - Olitech Electronics Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Mounting
MB2510
AND MB2505
KBPC2510
KBPC25005
1000
25
:Metal case
: Plated 0.25” (6.35mm)lug.
: Polarity symbols marked on case
:Thru hole for #8 screw,20in.-lbs. torque max.
:1.02 ounce, 29 grams
FEATURES
MECHANICAL DATA
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase,half wave 60Hz,resistive or inductive load,for current capacitive load, derate by 20%.
NOTES:
1.Unit mounted on 5” x 6” x4.9” thick(12.8cmx15.2cmx12.4cmcm)Al.plate.
2.Bolt dowm on heat-sink with silicone thermal compound between bridge and mounting surface for
maximum heat transfer efficiency with #8 screw.
The plastic package carries Underwriters Laboratory
Flammability Classification 94V-0
Ideal for printed circuit boards
Low reverse leakage
High forward surge current capability
High temperature soldering guaranteed:
260 C/10 seconds,5 lbs. (2.3kg) tension
300.0
373
10
1.0
2500
2.0
-65 to +150
-65 to +150
50
35
50
100
70
100
200
140
200
400
280
400
600
420
600
800
560
800
1000
700
1000
25
KBPC
25005
KBPC
2501
KBPC
2502
KBPC
2506
KBPC
2508
KBPC
2510
KBPC
2504
MR2505
MB254
MB251
MB252
MB256
MR258
MB2510
VOLTS
VOLTS
VOLTS
SYMBOLS
UNITS
Amps
Amps
Volts
VRRM
VRMS
VDC
I(AV)
IFSM
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward output rectified
current at TC=50 C (Note 1,2)
Peak forward surge current
8.3ms single half sine-wave superimposed on
rated load (JEDEC Method)
Rating for Fusing(t<8.3ms)
Maximum instantaneous forward voltage dorp
per bridge element at 12.5A
Maximum DC reverse current
TA=25 C
at rated DC blocking voltage
TA=100 C
Isolation voltage from case to leads
Typical Thermal Resistance (Note 2)
Operating junction temperature range
storage temperature range
A
µ
C
I t
VISO
R
θJA
TJ
TSTG
C/W
mA
IR
C
VAC
A s
2
2
VF
1.1
KBPC25 (MB-25)
Dimensions in inches and (millimeters)
.452
(11.5)
MAX.
0.480(12.2)
0.425(10.8)
1.181(30.0)
1.102(28.0)
0.673(17.1)
0.633(16.1)
HOLE FOR
NO.8 SCREW
0.033x0.250
(0.8x6.4)
1.181(30.0)
1.102(28.0)
0.673(17.1)
0.633(16.1)
0.582(14.8)
0.543(13.8)
0.732(18.6)
0.692(17.6)
AC
AC
-
+
0
50
THRU
VOLTAGE RANGE
to
Volts
CURRENT
. Ampere
•
•
•
•
•
Weight
Polarity
Terminals
Case
•
•
•
•
•
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
•
•
THRU
•
Email: info@olitech-elec.com
Website: www.olitech-elec.com
Page 1 - 2
OLITECH ELECTRONICS CO. LTD.
SILICON BRIDGE RECTIFIERS
Internal dimensions of die: 160 MIL
•


Similar Part No. - KBPC2510

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBPC2510 WTE-KBPC2510 Datasheet
52Kb / 4P
15,25,35A HIGH CURRENT BRIDGE RECTIFIER
logo
Semtech Corporation
KBPC2510 SEMTECH-KBPC2510 Datasheet
215Kb / 2P
10A/15A/25A/35A SINGLE - PHASE SILICON BRIDGE?
logo
Shanghai Sunrise Electr...
KBPC2510 SSE-KBPC2510 Datasheet
17Kb / 1P
SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
KBPC2510 CHENYI-KBPC2510 Datasheet
183Kb / 2P
SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Dc Components
KBPC2510 DCCOM-KBPC2510 Datasheet
390Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
More results

Similar Description - KBPC2510

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
GBI15A DIOTEC-GBI15A Datasheet
75Kb / 2P
Silicon-Bridge Rectifiers
GBI25A DIOTEC-GBI25A Datasheet
75Kb / 2P
Silicon-Bridge Rectifiers
GBS4A DIOTEC-GBS4A Datasheet
146Kb / 2P
Silicon-Bridge Rectifiers
GBU6A DIOTEC-GBU6A Datasheet
168Kb / 2P
Silicon-Bridge Rectifiers
GBU12A DIOTEC-GBU12A Datasheet
187Kb / 2P
Silicon-Bridge Rectifiers
KBPC2500FW DIOTEC-KBPC2500FW Datasheet
153Kb / 2P
Silicon-Bridge Rectifiers
B125C2300-1500 DIOTEC-B125C2300-1500 Datasheet
62Kb / 2P
Silicon-Bridge Rectifiers
logo
Semikron International
GBU6A SEMIKRON-GBU6A Datasheet
221Kb / 2P
Silicon-Bridge Rectifiers
B40C3200-2200 SEMIKRON-B40C3200-2200 Datasheet
170Kb / 2P
Silicon-Bridge Rectifiers
B40C7000-4000 SEMIKRON-B40C7000-4000 Datasheet
178Kb / 2P
Silicon-Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com