Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LL4148 Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # LL4148
Description  Surface Mount Silicon Planar Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

LL4148 Datasheet(HTML) 2 Page - Diotec Semiconductor

  LL4148 Datasheet HTML 1Page - Diotec Semiconductor LL4148 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1) I
F = 10 mA über / through IR = 10 mA bis / to IR = 1 mA, UR = 6 V, RL = 100
S
2) Mounted on P.C. board with 25 mm2 copper pads at each terminal
Montage auf Leiterplatte mit 25 mm2 Kupferbelag (Lötpad) an jedem Anschluß
33
28.02.2002
LL 4148, LL 4150, LL 4151, LL 4448
Characteristics, T
j = 25
/C
Kennwerte, T
j = 25
/C
Type
Typ
Forward voltage
Durchlaßspannung
Leakage current
Sperrstrom
Rev. recovery time 1)
Sperrverzugszeit 1)
V
F [V]
I
F [mA]
I
R [nA]
V
R [V]
t
rr [ns]
LL 4148
< 1
10
< 25
< 5.000
< 50.000
20
75
20 (T
j = 150
/C)
< 4
LL 4150
0.54...0.62
0.66...0.74
0.76...0.86
0.82...0.92
0.87...1.00
1
10
50
100
200
< 100
< 100.000
50
50 (T
j = 150
/C)
< 4
LL 4151
< 1
50
< 50
< 50.000
50
50 (T
j = 150
/C)
< 2
LL 4448
0.62...0.72
< 1
5
100
< 20
< 5.000
< 50.000
25
75
20 (T
j = 150
/C)
< 4
Thermal resistance junction to ambient air
R
thA
< 0.3 K/mW 2)
Wärmewiderstand Sperrschicht – umgebende Luft



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com