Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LL4151 Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # LL4151
Description  Surface Mount Silicon Planar Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

LL4151 Datasheet(HTML) 1 Page - Diotec Semiconductor

  LL4151 Datasheet HTML 1Page - Diotec Semiconductor LL4151 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1) Tested with 100
:A pulses – Gemessen mit 100 :A-Impulsen
2) Mounted on P.C. board with 25 mm2 copper pads at each terminal
Montage auf Leiterplatte mit 25 mm2 Kupferbelag (Lötpad) an jedem Anschluß
32
28.02.2002
LL 4148, LL 4150, LL 4151, LL 4448
Surface Mount
Silizium-Planar-Dioden
Silicon Planar Diodes
für die Oberflächenmontage
Nominal current
150...300 mA
Nennstrom
Repetitive peak reverse voltage
50…100 V
Periodische Spitzensperrspannung
Glass case MiniMELF
SOD-80
Glasgehäuse MiniMELF
DO-213AA
Weight approx.
0.04 g
Gewicht ca.
Dimensions / Maße in mm
Standard packaging taped and reeled
see page 18
Standard Lieferform gegurtet auf Rolle
siehe Seite 18
Maximum ratings
Grenzwerte
Type
Typ
Reverse voltage
Sperrspannung
V
RM [V]
Reverse Breakdown Voltage
Abbruchspannung
V
RRM [V]
1)
LL 4148
75
100
LL 4150
50
50
LL 4151
50
75
LL 4448
75
100
LL 4148
LL 4448
LL 4150
LL 4151
Max. average forward rectified current, R-load
Dauergrenzstrom in Einwegschaltung mit R-Last
I
FAV
150 mA2) 300 mA2)
200 mA2)
Repetitive peak forward current
Periodischer Spitzenstrom
I
FRM
500 mA2) 600 mA2)
500 mA2)
Non-repetitive peak fwd. current
Stoßstrom Grenzwert
t
p = 1
:s
T
j = 25
/C
I
FSM
2000 mA
4000 mA
2000 mA
Max. power dissipation
Max. Verlustleistung
T
A = 25
/CP
tot
500 mW 2)
Operating junction temp. – Sperrschichttemp.
T
j
- 50…+ 175
/C
Storage temperature – Lagerungstemperatur
T
S
- 50…+ 175
/C
1.45


Similar Part No. - LL4151

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LL4151 VISHAY-LL4151 Datasheet
51Kb / 4P
Silicon Epitaxial Planar Diodes
01-Apr-99
logo
Shanghai Lunsure Electr...
LL4151 CHENYI-LL4151 Datasheet
170Kb / 3P
SMALL SIGNAL SWITCHING DIODE
logo
Diodes Incorporated
LL4151 DIODES-LL4151 Datasheet
49Kb / 1P
SURFACE MOUNT FAST SWITCHING DIODE
DS30070 Rev. B-2
logo
General Semiconductor
LL4151 GE-LL4151 Datasheet
146Kb / 4P
Small Signal Diodes
logo
Diotec Semiconductor
LL4151 DIOTEC-LL4151 Datasheet
103Kb / 2P
Ultrafast Switching Surface Mount Si-Planar Diodes
More results

Similar Description - LL4151

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
LS4148 DIOTEC-LS4148 Datasheet
65Kb / 2P
Surface Mount Silicon Planar Diodes
BZX84C2V7 DIOTEC-BZX84C2V7 Datasheet
97Kb / 2P
Surface Mount Silicon Planar Zener Diodes
MMSZ5225B DIOTEC-MMSZ5225B_07 Datasheet
98Kb / 2P
Surface mount Silicon Planar Zener Diodes
BZT52C2V4 DIOTEC-BZT52C2V4_10 Datasheet
96Kb / 2P
Surface mount Silicon Planar Zener Diodes
ZMM1 DIOTEC-ZMM1_13 Datasheet
348Kb / 3P
Surface mount Silicon Planar Zener Diodes
MM3Z2B4 DIOTEC-MM3Z2B4_13 Datasheet
296Kb / 2P
Surface mount Silicon Planar Zener Diodes
MM3Z2B4 DIOTEC-MM3Z2B4_15 Datasheet
103Kb / 2P
Surface mount Silicon Planar Zener Diodes
BZT52C2V4 DIOTEC-BZT52C2V4_15 Datasheet
87Kb / 2P
Surface mount Silicon Planar Zener Diodes
ZMM3B9 DIOTEC-ZMM3B9_15 Datasheet
94Kb / 2P
Surface mount Silicon Planar Zener Diodes
logo
DONGGUAN YOU FENG WEI E...
MMBZ5237DW YFWDIODE-MMBZ5237DW Datasheet
396Kb / 3P
Surface Mount Silicon Planar Zener Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com