Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PI3PCIE3442 Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI3PCIE3442
Description  3.3V PCI Express 3.0 2-Lane Exchange Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3PCIE3442 Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI3PCIE3442 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3PCIE3442 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3PCIE3442 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3PCIE3442 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3PCIE3442 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3PCIE3442 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3PCIE3442 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3PCIE3442 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3PCIE3442 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
www.pericom.com
06/04/14
All trademarks are property of their respective owners.
PRELIMINARY INFORMATION - COMPANY CONFIDENTIAL
PI3PCIE3442
3.3V PCI Express® 3.0 2-Lane Exchange Switch
A0+
A0-
C0+
C0-
B0+
B0-
D0+
D0-
A1+
A1-
C1+
C1-
B1+
B1-
D1+
D1-
SEL
OE#
A2+
A2-
C2+
C2-
A3+
A3-
C3+
C3-
B2+
B2-
D2+
D2-
B3+
B3-
D3+
D3-
ENB
INB
INA
ENA
OUTB0
OUTB1
SBO
SBI
SAI
SAO
OUTA0
OUTA1
ENB
INB
INA
ENA
OUTB0
OUTB1
SBO
SBI
SAI
SAO
OUTA0
OUTA1
DA0-DA3
DAX or DBX
DB Monitor A
DBX or DAX
DA0-DA3
AUXX, HPDX
AUXX, HPDX
CAB_DETA
CAB_DETX
CAB_DETX
DB0-DB3
AUXB, HPDB
CAB_DETB
DB Monitor B
DP Source
A
DP Source
B
DP conn
A
DP conn
B
PI3PCIE3442
PI3DBS3224
PI3DBS3224
Application Diagram
Generic 2 x 2 DP1.2 Switching Using PI3PCIE3442 (3x6mm 40 pad QFN)
14-0088



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com