Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PI3USB102G Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI3USB102G
Description  USB 2.0 High-Speed (480 Mbps) Switch with 5V Protection with Improved Ioff Voltage Range
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3USB102G Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI3USB102G Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3USB102G Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3USB102G Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3USB102G Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3USB102G Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3USB102G Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3USB102G Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
09/18/14
PI3USB102G
USB 2.0 High-Speed (480 Mbps) Switch with 5V Protection
Notes:
1.
For max. or min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type.
2.
VDD = 3.0 - 5.5V, TA = 25°C ambient.
3.
Measured by the voltage drop between Y+/Y- and the lower of M+/M- and D+/D- at indicated current through the Switch.
4.
When the voltage at Y+/Y- is greater than VDD + 0.2V, over-voltage protection limits the output voltage at M+/- and D+/- to protect
connected devices from damage.
Capacitance (T
a = 25°C, V
DD = 3.3V, f = 1MHz)
Parameters(3)
Description
Test Conditions(1)
Typ.(2)
Max.
Units
CIN
Input Capacitance
2.2
3.2
pF
COFF (M/D)
Switch Off Capacitance for M and D ports
OE = High
3.0
4.0
COFF (Y)
Switch Off Capacitance for Y port
OE = High
5.0
6.0
CON
Switch Capacitance, Switch ON
VSEL = 0V or VDD
6.0
7.0
Notes:
1.
For max. or min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type.
2.
Typical values are at VDD = 3.3V, TA = 25°C ambient.
3.
This parameter is determined by device characterization but is not production tested.
4.
Time duration for output voltage higher than VOVP when input is connected to 5V.
5.
Output voltage observed at M+/M- and D+/D- during over-voltage condition.
6.
Tested using a 750 kHz square wave with tr = 75 ns and tf = 75 ns.
Dynamic Electrical Characteristics Over the Operating Range
Parameters(3)
Description
Test Conditions
Min.
Typ.(2)
Max.
Units
XTALK
Crosstalk
RL = 50Ω, f = 240 MHz
-29
dB
OIRR
OFF Isolation
-28
-3dB BW
–3dB Bandwidth
RL = 50Ω
1,000
MHz
-0.5dB BW
–0.5dB Bandwidth
RL = 50Ω
275
MHz
TOVP
Over-Voltage
Response Time(4)
CL = 10 pF, VY+/Y- = 5V,
VDD = 3.0 to 3.6V (6)
40
100
ns
VDSW
Dynamic Signal Output
Swing(5)
CL = 10 pF, VY+/Y- = 5V,
VDD = 3.0 to 3.6V (6)
2.7
3.0
3.6
V
Switching Characteristics
Parameters
Description
Test Conditions (1) Min. Typ.
Max. Units
tPD
Propagation Delay(2,3)
See Test Circuit
for Electrical
Characteristics
0.25
ns
tPZH, tPZL
Line Enable Time - SEL, OE to D(+/-), M(+/-)
0.5
50
tPHZ, tPLZ
Line Disable Time - SEL, OE to D(+/-), M(+/-)
0.5
11.0
tBBM
Break Before Make Delay
9.0
ns
tSKb-b
Output skew, bit-to-bit (opposite transition of
the same output (tPHL-tPLH)(2)
8
20
ps
Notes:
1.
For max. or min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type.
2.
Guaranteed by design.
3.
The switch contributes no propagation delay other than the RC delay of the On-Resistance of the switch and the load capacitance. The time constant for the
switch alone is of the order of 0.25ns for 10pF load. Since this time constant is much smaller than the rise/fall times of typical driving signals, it adds very little
propagation delay to the system. Propagation delay of the switch when used in a system is determined by the driving circuit on the driving side of the switch and
its interactions with the load on the driven side.
14-0136



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com