Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PI3USB3102ZDA Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI3USB3102ZDA
Description  USB3.0 and USB2.0 Combo Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3USB3102ZDA Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI3USB3102ZDA Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3USB3102ZDA Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3USB3102ZDA Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3USB3102ZDA Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3USB3102ZDA Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3USB3102ZDA Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3USB3102ZDA Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3USB3102ZDA Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3USB3102ZDA Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
PI3USB3102
USB3.0 and 2.0 Combo switch
11/09/12
Dynamic Electrical Characteristics over Operating Range (TA = -40º to +85ºC, VDD = 3.3V ±10%)
Parameter Description
Test Conditions
Typ.
Max Units
XTALK
Crosstalk on SuperSpeed Channels
See Fig. 1 for Measurement
Setup
f= 2.5 GHz
-25dB
dB
OIRR
OFF Isolation on SuperSpeed Channels
See Fig. 2 for Measurement
Setup,
f= 2.5 GHz
-22dB
ILOSS
Differential Insertion Loss on SuperSpeed
Channels
@5.0Gbps (see figure 3)
-1.7
dB
Rloss
Differential Return Loss on SuperSpeed
channels
@ 2.5GHz
-16
dB
BW_SS
Bandwidth -3dB for SuperSpeed path
(Tx±/ Rx±)
See figure 3
4.7
GHz
BW_HS
-3dB BW for USB high speed path (D+/-) See figure 3
1.5
GHz
Tsw a-b
time it takes to switch from port A to port
B
1
us
Tsw b-a
time it takes to switch from port B to port
A
1
us
Tstartup
Vdd valid to channel enable
10
us
Twakeup
Enabling output by changing OE from
low to High
10
us
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VDD = 3.3V, TA = 25°C ambient and maximum loading.
Switching Characteristics (TA= -40º to +85ºC, VDD = 3.3V±10%)
Parameter
Description
Min.
Typ.
Max.
Units
Tpd
Propagation delay (input pin to output pin)
80
ps
tb-b
Bit-to-bit skew within the same differential pair
5
ps
tch-ch
Channel-to-channel skew
35
ps
12-0264



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com