Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RT4723 Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # RT4723
Description  Built-in Soft-Start
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT4723 Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button RT4723 Datasheet HTML 7Page - Richtek Technology Corporation RT4723 Datasheet HTML 8Page - Richtek Technology Corporation RT4723 Datasheet HTML 9Page - Richtek Technology Corporation RT4723 Datasheet HTML 10Page - Richtek Technology Corporation RT4723 Datasheet HTML 11Page - Richtek Technology Corporation RT4723 Datasheet HTML 12Page - Richtek Technology Corporation RT4723 Datasheet HTML 13Page - Richtek Technology Corporation RT4723 Datasheet HTML 14Page - Richtek Technology Corporation RT4723 Datasheet HTML 15Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
RT4723
Copyright © 2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS4723-00
April
2016
www.richtek.com
13
The maximum power dissipation at TA = 25C can be
calculated by the following formula :
PD(MAX) = (125C  25C) / (49.8C/W) = 2W for
WL-CSP-15B 1.39x2.07 (BSC) package
The maximum power dissipation depends on the
operating ambient temperature for fixed TJ(MAX) and
thermal resistance,
JA. The derating curve in Figure 2
allows the designer to see the effect of rising ambient
temperature on the maximum power dissipation.
Figure 2. Derating Curve of Maximum Power
Dissipation
Layout Considerations
For the best performance of RT4723, the following
PCB layout guidelines should be strictly followed.
For good regulation, place the power components as
close to the IC as possible. The traces should be
wide and short especially for the high current output
loop.
The input and output bypass capacitor should be
placed as close to the IC as possible and connected
to the ground plane of the PCB.
The flying capacitor should be placed as close to the
C1P/C1N/C2P/C2N pin as possible to avoid noise
injection.
Minimize the size of the LXP node and keep the
traces wide and short. Care should be taken to avoid
running traces that carry any noise-sensitive signals
near LXP or high-current traces.
Separate power ground (PGND) and analog ground
(GND). Connect the GND and the PGND islands at
a single end. Make sure that there are no other
connections between these separate ground planes.
0.0
0.5
1.0
1.5
2.0
2.5
0
25
50
75
100
125
Ambient Temperature (°C)
Four-Layer PCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com