Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

QPC6614 Datasheet(PDF) 2 Page - RF Micro Devices

Part # QPC6614
Description  Digital Step Attenuator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

QPC6614 Datasheet(HTML) 2 Page - RF Micro Devices

  QPC6614 Datasheet HTML 1Page - RF Micro Devices QPC6614 Datasheet HTML 2Page - RF Micro Devices QPC6614 Datasheet HTML 3Page - RF Micro Devices QPC6614 Datasheet HTML 4Page - RF Micro Devices QPC6614 Datasheet HTML 5Page - RF Micro Devices QPC6614 Datasheet HTML 6Page - RF Micro Devices QPC6614 Datasheet HTML 7Page - RF Micro Devices QPC6614 Datasheet HTML 8Page - RF Micro Devices QPC6614 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Revision DS20150821
- 2 of 15 -
Disclaimer: Subject to change without notice
© 2015 RF Micro Devices, Inc.
www.rfmd.com / www.qorvo.com
QPC6614
Absolute Maximum Ratings
Parameter
Rating
Units
Supply Voltage (VDD)
−0.5 to +6.0
V
All Other DC and Logic Pins ( When VDD Is Applied Prior to Any
Other Pin Voltages)
−0.5 to V
DD
V
All Other DC and Logic Pins (When VDD Is Not Applied Prior to
Any Other Pin Voltages)
−0.5 to +4.0
V
Maximum Input Power at ATTIN Pin at +85°C Case Temperature
+30
dBm
Maximum Input Power at ATTOUT Pin at +85°C Case
Temperature
+27
dBm
Storage Temperature Range
−40 to +150
°C
ESD Rating - Human Body Model (HBM)
1000
V
Moisture Sensitivity Level
MSL2
Caution! ESD sensitive device.
RFMD Green: RoHS status based on EU
Directive 2011/65/EU (at time of this
document revision), halogen free per IEC
61249-2-21, < 1000ppm each of antimony
trioxide in polymeric materials and red
phosphorus as a flame retardant, and <2%
antimony in solder.
Exceeding any one or a combination of the Absolute Maximum
Rating conditions may cause permanent damage to the device.
Extended application of Absolute Maximum Rating conditions
to the device may reduce device reliability. Specified typical
performance or functional operation of the device under
Absolute Maximum Rating conditions is not implied.
Recommended Operating Condition
Parameter
Specification
Units
Min
Typ
Max
Operation Temperature Range
(Derate RF Input Power Handling Above 85
 °C)
−40
+105
°C
Operating Junction Temperature
+125
°C
Supply Voltage
+2.7
+5.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com