Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PI3USB102 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI3USB102
Description  USB 2.0 High-Speed (480 Mbps) Signal Switch Targeted for Battery Powered Applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3USB102 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI3USB102_08 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3USB102_08 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3USB102_08 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3USB102_08 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3USB102_08 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3USB102_08 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3USB102_08 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3USB102_08 Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
PS8950C
11/20/08
Features
• USB 2.0 compliant (high speed and full speed)
• RON is 4.0Ω typical @ VDD = 3.0V
• Low bit-to-bit skew
• Low Crosstalk: –33dB @ 480 Mbps
• Off Isolation: –40dB @ 480 Mbps
• Near-Zero propagation delay: 250ps
• Switching speed: 9ns
• Channel On Capacitance: 5.5pF
• VDD Operating Range: 2.7V to 4.2V ±10%
• Data pin I/O ESD: 8kV contact
• -0.5dB BW of 300MHz
• I/O pins have over-voltage protection and can tolerate a short
to Vbus as long as resistor/diode is added between 3.3V
power rail and Pericom's VDD
• Packaging (Pb-free & Green):
10-contact UQFN, 1.4mm x 1.8mm x 0.5mm (ZME10)
10-contact TQFN, 1.3mm x 1.6mm x 0.75mm (ZLE10)
Application
• Routes signals for USB 2.0
• Hand-held devices
Description
The PI3USB102 is a single differential channel 2:1 multiplexer/de-
multiplexer USB 2.0 Switch. Industry leading advantages include a
propagation delay of less than 250ps, resulting from its low channel
resistance and I/O capacitance. The device multiplexes differential
outputsfromaUSBHostdevicetooneoftwocorrespondingoutputs.
The switch is bidirectional and offers little or no attenuation of the
high-speed signals at the outputs. It is designed for low bit-to-bit
skew, high channel-to-channel noise isolation and is compatible
with various standards, such as High Speed USB 2.0 (480 Mb/s).
The PI3USB102 offers over voltage protection per the USB 2.0
specification. With the chip powered on or off, all I/O pins can
withstand a short to Vbus (5V +/-10%). This feature can only be
offered if a 100-ohm pull up resistor is placed between VDD pin
to the power supply.
In situations whereVbus can be as high as 7V, Pericom recommends
changing the resistor value from 100ohm to 200ohm. Pericom can
still support over-voltage protection up to 7V, as long as the 200ohm
resistor is present.
Block Diagram
Pin Description
PI3USB102
USB 2.0 High-Speed (480 Mbps) Signal Switch
Targeted for Battery Powered Applications
Truth Table
SEL
OE
Y+
Y-
X
H
Hi-Z
Hi-Z
LL
M+
M-
H
L
D+
D-
SEL
Y-
Y+
OE
M+
M-
D+
D-
1
2
7
6
8
D+
Y+
3
4
5
9
10
D-
Y-
08-0310


Similar Part No. - PI3USB102_08

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3USB102E PERICOM-PI3USB102E Datasheet
936Kb / 7P
USB 2.0 High-Speed (480 Mbps) Switch with 5V Protection
PI3USB102EZLE PERICOM-PI3USB102EZLE Datasheet
936Kb / 7P
USB 2.0 High-Speed (480 Mbps) Switch with 5V Protection
PI3USB102G PERICOM-PI3USB102G Datasheet
871Kb / 7P
USB 2.0 High-Speed (480 Mbps) Switch with 5V Protection with Improved Ioff Voltage Range
PI3USB102GZLE PERICOM-PI3USB102GZLE Datasheet
871Kb / 7P
USB 2.0 High-Speed (480 Mbps) Switch with 5V Protection with Improved Ioff Voltage Range
PI3USB102ZLE PERICOM-PI3USB102ZLE Datasheet
564Kb / 7P
USB 2.0 High-Speed (480 Mbps) Signal Switch Targeted for Battery Powered Applications
More results

Similar Description - PI3USB102_08

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3USB102 PERICOM-PI3USB102 Datasheet
564Kb / 7P
USB 2.0 High-Speed (480 Mbps) Signal Switch Targeted for Battery Powered Applications
PI3USB10LP-A PERICOM-PI3USB10LP-A Datasheet
558Kb / 8P
USB 2.0 High-Speed (480 Mbps) Signal Switch Targeted for Battery Powered Applications
logo
ON Semiconductor
NLAS7213 ONSEMI-NLAS7213 Datasheet
553Kb / 9P
High-Speed USB 2.0 (480 Mbps) DPST Switch
May, 2009 ??Rev. 3
NCN9252 ONSEMI-NCN9252_11 Datasheet
357Kb / 9P
High-Speed USB 2.0 (480 Mbps) DP3T Switch for USB/UART/Data Multiplexing
March, 2011 ??Rev. 1
logo
Alpha & Omega Semicondu...
AOZ6186 AOSMD-AOZ6186 Datasheet
518Kb / 10P
High-Speed USB 2.0 (480 Mbps) DPDT Switch
AOZ6184 AOSMD-AOZ6184 Datasheet
530Kb / 10P
High-Speed USB 2.0 (480 Mbps) DPDT Switch
logo
Pericom Semiconductor C...
PI3USB103 PERICOM-PI3USB103 Datasheet
921Kb / 7P
USB 2.0 High-Speed (480 Mbps) Signal Switch with Vbus Short Protection
logo
Diodes Incorporated
PI3USB103 DIODES-PI3USB103 Datasheet
1Mb / 8P
USB 2.0 High-Speed (480 Mbps) Signal Switch with Vbus Short Protection
01/18/17
logo
Texas Instruments
TUSB211A TI-TUSB211A Datasheet
2Mb / 24P
TUSB211A USB 2.0 480-Mbps High-Speed Signal Conditioner
SEPTEMBER 2023
TUSB211A TI-TUSB211A_V01 Datasheet
2Mb / 25P
TUSB211A USB 2.0 480-Mbps High-Speed Signal Conditioner
SEPTEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com